Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QF20AA40 Datasheet (PDF) - SanRex Corporation

QF20AA40 Datasheet PDF - SanRex Corporation
Part # QF20AA40
Download  QF20AA40 Download

File Size   503.62 Kbytes
Page   2 Pages
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation
Description TRANSISTOR MODULE (THREE PHASES BRIDGE TYPE)

QF20AA40 Datasheet (PDF)

Go To PDF Page Download Datasheet
QF20AA40 Datasheet PDF - SanRex Corporation

Part # QF20AA40
Download  QF20AA40 Click to download

File Size   503.62 Kbytes
Page   2 Pages
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation
Description TRANSISTOR MODULE (THREE PHASES BRIDGE TYPE)

QF20AA40 Datasheet (HTML) - SanRex Corporation

QF20AA40 Datasheet HTML 1Page - SanRex Corporation QF20AA40 Datasheet HTML 2Page - SanRex Corporation

QF20AA40 Product details

TRANSISTOR MODULE (THREE PHASES BRIDGE TYPE)

QF20AA is six pack Darlington power transistor module which has six transistors connected in three phase bridge configuraction. Each transistor has a reverse paralleled fast recovery diode. The mounting base of the module is electrically isolated from semiconductor elements for simple heatsink construction,

● IC 20A, VCEX 400/600V
● Low saturation voltage for higher efficiency.
● High DC current gain hFE
● Isolated mounting base
● VEBO 10V for faster switching speed.

Applications
   Motor Control VVVF , AC Servo, UPS




Similar Part No. - QF20AA40

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
QF20-0-0050-06 VECTRON-QF20-0-0050-06 Datasheet
35Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
logo
Yantel Corporation
QF2060Q06A YANTEL-QF2060Q06A Datasheet
3Mb / 12P
   Quadrifilar Directional Coupler 1520 MHz-2600 MHz
More results


Similar Description - QF20AA40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QF50AA60 ETC1-QF50AA60 Datasheet
87Kb / 2P
   TRANSISTOR MODULE (THREE PHASES BRIDGE TYPE)
QF15AA60 ETC-QF15AA60 Datasheet
496Kb / 2P
   TRANSISTOR MODULE THREE PHASES BRIDGE TYPE
logo
Inchange Semiconductor ...
6RI100G-120 ISC-6RI100G-120 Datasheet
252Kb / 2P
   Three Phases Bridge Module
PSD62-12 ISC-PSD62-12 Datasheet
274Kb / 2P
   Three Phases Bridge Module
SKD25-16 ISC-SKD25-16 Datasheet
305Kb / 2P
   Three Phases Bridge Module
6RI50E-060 ISC-6RI50E-060 Datasheet
274Kb / 2P
   Three Phases Bridge Module
logo
SanRex Corporation
DF50BA40 SANREX-DF50BA40 Datasheet
96Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF100LA80 SANREX-DF100LA80 Datasheet
103Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF150AA120 SANREX-DF150AA120 Datasheet
96Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF100LA SANREX-DF100LA Datasheet
100Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com