Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR27V3255D Datasheet (PDF) - OKI electronic componets

MR27V3255D Datasheet PDF - OKI electronic componets
Part # MR27V3255D
Download  MR27V3255D Download

File Size   56.76 Kbytes
Page   10 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM

MR27V3255D Datasheet (PDF)

Go To PDF Page Download Datasheet
MR27V3255D Datasheet PDF - OKI electronic componets

Part # MR27V3255D
Download  MR27V3255D Click to download

File Size   56.76 Kbytes
Page   10 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM

MR27V3255D Datasheet (HTML) - OKI electronic componets

MR27V3255D Datasheet HTML 1Page - OKI electronic componets MR27V3255D Datasheet HTML 2Page - OKI electronic componets MR27V3255D Datasheet HTML 3Page - OKI electronic componets MR27V3255D Datasheet HTML 4Page - OKI electronic componets MR27V3255D Datasheet HTML 5Page - OKI electronic componets MR27V3255D Datasheet HTML 6Page - OKI electronic componets MR27V3255D Datasheet HTML 7Page - OKI electronic componets MR27V3255D Datasheet HTML 8Page - OKI electronic componets MR27V3255D Datasheet HTML 9Page - OKI electronic componets MR27V3255D Datasheet HTML 10Page - OKI electronic componets

MR27V3255D Product details

DESCRIPTION

The MR27V3255D is a 32Mbit electrically Programmable Read-Only Memory with page mode. Its configuration can be electrically switched between 1,048,576 double word x 32bit and 2,097,152 word x 16bit. The MR27V3255D operates on a single +3.3V power supply and is TTL compatible. The MR27V3255D provides Page mode which can greatly reduce the read access time. Since the MR27V3255D operates asynchronously , external clocks are not required , making this device easy to-use. The MR27V3255D is suitable as large-capacity fixed memory for microcomputers and data terminals. It is manufactured using a CMOS double silicon gate technology and is offered in 70-pin SSOP or 70-pin TSOP packages.



FEATURES

• 1,048,576 double word x 32bit / 2,097,152 word x 16bit electrically switchable configuration

• Single +3.3V power supply

• Access time 80ns Page mode access time 25ns

• Input / Output TTL compatible

• Three-state output

• Packages

          70-pin plastic SSOP (SSOP70-P-500-0.80-K) (Product name : MR27V3255DMB)

          70-pin plastic TSOP (TSOP II 70-P-400-0.65-K) (Product name : MR27V3255DTA)



 




Similar Part No. - MR27V3255D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V3252J OKI-MR27V3252J Datasheet
108Kb / 12P
   2M-Word x 16-Bit or 4M-Word x 8-Bit OTP
logo
List of Unclassifed Man...
MR27V3252J ETC2-MR27V3252J Datasheet
225Kb / 9P
   2M.Word 횞 16.Bit or 4M.Word 횞 8.Bit Page Mode P2ROM
logo
LAPIS Semiconductor Co....
MR27V3252J LAPIS-MR27V3252J Datasheet
225Kb / 9P
   P2ROM
logo
OKI electronic componet...
MR27V3252JTN OKI-MR27V3252JTN Datasheet
108Kb / 12P
   2M-Word x 16-Bit or 4M-Word x 8-Bit OTP
More results


Similar Description - MR27V3255D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27C3255CZ OKI-MSM27C3255CZ Datasheet
91Kb / 12P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27V3255CZ OKI-MSM27V3255CZ Datasheet
100Kb / 13P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27V1655CZ OKI-MSM27V1655CZ Datasheet
91Kb / 12P
   524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27C1655CZ OKI-MSM27C1655CZ Datasheet
91Kb / 12P
   524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com