Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPI118082L180N Datasheet (PDF) - Kemet Corporation

TPI118082L180N Datasheet PDF - Kemet Corporation
Part # TPI118082L180N
Download  TPI118082L180N Download

File Size   56.1 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, TPI, Power, 180 nH, 10%

TPI118082L180N Datasheet (PDF)

Go To PDF Page Download Datasheet
TPI118082L180N Datasheet PDF - Kemet Corporation

Part # TPI118082L180N
Download  TPI118082L180N Click to download

File Size   56.1 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, TPI, Power, 180 nH, 10%

TPI118082L180N Datasheet (HTML) - Kemet Corporation

TPI118082L180N Datasheet HTML 1Page - Kemet Corporation



Similar Part No. - TPI118082L180N

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
TPI118082L150N KEMET-TPI118082L150N Datasheet
56Kb / 1P
   KEMET, TPI, Power, 150 nH, 10%
More results


Similar Description - TPI118082L180N

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
TPI128080L180N KEMET-TPI128080L180N Datasheet
55Kb / 1P
   KEMET, TPI, Power, 180 nH, 10%
TPI111065L210N KEMET-TPI111065L210N Datasheet
55Kb / 1P
   KEMET, TPI, Power, 210 nH, 10%
TPI128080L230N KEMET-TPI128080L230N Datasheet
56Kb / 1P
   KEMET, TPI, Power, 230 nH, 10%
TPI128080L210N KEMET-TPI128080L210N Datasheet
55Kb / 1P
   KEMET, TPI, Power, 210 nH, 10%
TPI118082L150N KEMET-TPI118082L150N Datasheet
56Kb / 1P
   KEMET, TPI, Power, 150 nH, 10%
TPI077050L105N KEMET-TPI077050L105N Datasheet
55Kb / 1P
   KEMET, TPI, Power, 105 nH, 20%
TPI078060L056N KEMET-TPI078060L056N Datasheet
49Kb / 1P
   KEMET, TPI, Power, 0.056 uH, 10%, 078060(4431)
TPI078060L082N KEMET-TPI078060L082N Datasheet
49Kb / 1P
   KEMET, TPI, Power, 0.082 uH, 10%, 078060(4431)
L0806BR18JSWST KEMET-L0806BR18JSWST Datasheet
55Kb / 1P
   KEMET, L-SWS, RF, 180 nH, 5%
TPI078060L068N KEMET-TPI078060L068N Datasheet
49Kb / 1P
   KEMET, TPI, Power, 0.068 uH, 10%, 078060(4431)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com