Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC574MTC Datasheet (PDF) - ON Semiconductor

74VHC574MTC Datasheet PDF - ON Semiconductor
Part # 74VHC574MTC
Download  74VHC574MTC Download

File Size   212.64 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Flip-Flop with 3-STATE Outputs

74VHC574MTC Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC574MTC Datasheet PDF - ON Semiconductor

Part # 74VHC574MTC
Download  74VHC574MTC Click to download

File Size   212.64 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Flip-Flop with 3-STATE Outputs

74VHC574MTC Datasheet (HTML) - ON Semiconductor

74VHC574MTC Datasheet HTML 1Page - ON Semiconductor 74VHC574MTC Datasheet HTML 2Page - ON Semiconductor 74VHC574MTC Datasheet HTML 3Page - ON Semiconductor 74VHC574MTC Datasheet HTML 4Page - ON Semiconductor 74VHC574MTC Datasheet HTML 5Page - ON Semiconductor 74VHC574MTC Datasheet HTML 6Page - ON Semiconductor 74VHC574MTC Datasheet HTML 7Page - ON Semiconductor 74VHC574MTC Datasheet HTML 8Page - ON Semiconductor 74VHC574MTC Datasheet HTML 9Page - ON Semiconductor 74VHC574MTC Datasheet HTML 10Page - ON Semiconductor

74VHC574MTC Product details

General Description
The VHC574 is an advanced high speed CMOS octal flipflop with 3-STATE output fabricated with silicon gate CMOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. This 8-bit D-type flip-flop is controlled by a clock input (CP) and an output enable input (OE). When the OE input is HIGH, the eight outputs are in a high impedance state.

Features
■ High Speed: tPD = 5.6 ns (typ) at VCC = 5V
■ High Noise Immunity: VNIH = VNIL = 28% VCC (Min)
■ Power Down Protection is provided on all inputs
■ Low Noise: VOLP = 0.6V (typ)
■ Low Power Dissipation: ICC = 4 µA (Max) @ TA = 25°C
■ Pin and Function Compatible with 74HC574




Similar Part No. - 74VHC574MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC574MTC FAIRCHILD-74VHC574MTC Datasheet
107Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Similar Description - 74VHC574MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com