Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM27C1652CZ Datasheet (PDF) - OKI electronic componets

MSM27C1652CZ Datasheet PDF - OKI electronic componets
Part # MSM27C1652CZ
Download  MSM27C1652CZ Download

File Size   91.5 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM

MSM27C1652CZ Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM27C1652CZ Datasheet PDF - OKI electronic componets

Part # MSM27C1652CZ
Download  MSM27C1652CZ Click to download

File Size   91.5 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM

MSM27C1652CZ Datasheet (HTML) - OKI electronic componets

Back Button MSM27C1652CZ Datasheet HTML 1Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 2Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 3Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 4Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 5Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 6Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 7Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 8Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 9Page - OKI electronic componets MSM27C1652CZ Datasheet HTML 10Page - OKI electronic componets Next Button 

MSM27C1652CZ Product details

DESCRIPTION
The MSM27C1652CZ is a 16Mbit electrically Programmable Read-Only Memory with page mode. Its configuration can be electrically switched between 1,048,576 word x 16bit and 2,097,152 word x 8bit. The MSM27C1652CZ operates on a single +5V power supply and is TTL compatible. The MSM27C1652CZ provides Page mode which can greatly reduce the read access time. Since the MSM27C1652CZ operates asynchronously , external clocks are not required , making this device easy-to-use. The MSM27C1652CZ is suitable as large-capacity fixed memory for microcomputers and data terminals. It is manufactured using a CMOS double silicon gate technology and is offered in 42-pin DIP , 44-pin SOP or 48-pin TSOP packages.

FEATURES
• 1,048,576 word x 16bit / 2,097,152 word x 8bit electrically switchable configuration
• Single +5V power supply
• Access time 100ns
    Page mode access time 50ns
• Input / Output TTL compatible
• Three-state output
• Packages
    42-pin plastic DIP (DIP42-P-600-2.54)
    44-pin plastic SOP (SOP44-P-600-1.27-K)
    48-pin plastic TSOP (TSOP II 48-P-550-0.80-K)




Similar Part No. - MSM27C1652CZ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27C1655CZ OKI-MSM27C1655CZ Datasheet
91Kb / 12P
   524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
More results


Similar Description - MSM27C1652CZ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C3252CZ OKI-MSM27C3252CZ Datasheet
90Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852E OKI-MR27V852E Datasheet
100Kb / 13P
   524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM
MSM27C852CZ OKI-MSM27C852CZ Datasheet
91Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com