Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82V842 Datasheet (PDF) - Holtek Semiconductor Inc

HT82V842 Datasheet PDF - Holtek Semiconductor Inc
Part # HT82V842
Download  HT82V842 Download

File Size   161.66 Kbytes
Page   18 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CCD CDS/PGA/10b-20M-ADC

HT82V842 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82V842 Datasheet PDF - Holtek Semiconductor Inc

Part # HT82V842
Download  HT82V842 Click to download

File Size   161.66 Kbytes
Page   18 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CCD CDS/PGA/10b-20M-ADC

HT82V842 Datasheet (HTML) - Holtek Semiconductor Inc

Back Button HT82V842 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 

HT82V842 Product details

General Description
The HT82V842 is a CMOS single-chip signal processing device for CCD area sensors. It consists of a clamp circuit, Correlated Double Sampler (CDS), Programmable Gain Amplifier (PGA), reference voltage generator, black level detection circuit, 20MHz 10-bit A/D converter (ADC), timing generator for internally required pulses, serial interface for internal function control and PGA gain control.

Features
• Operating voltage: 2.7V~3.6V
• Low power consumption: 70mW (Typ.)
• Power down mode: less than 30W
• Accepts a direct signal input to ADC or PGA at 1.0 VPP (Typ.)
• CCD signal input level: 1.1 VP-P (Max.)
• 10-bit ADC (up to 20MHz)
   - DNL: ±0.6 LSB (Typ.)
• Black level neutralizer, target setting: 16~127LSB
• Built-in serial interface
• Independent ADC input conversion clock and data output clock
• Independent CDS and PGA gain control
   - CDS: -1.94/0/6/12dB
   - PGA: 0~24dB
• Wide gain range: -1.94~36dB
• High speed sample and hold circuit: pulse width 11ns (Min.)
• 48-pin LQFP package




Similar Part No. - HT82V842

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V842A HOLTEK-HT82V842A Datasheet
230Kb / 18P
   10-Bit 20MSPS CCD Analog Signal Processor
More results


Similar Description - HT82V842

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI4100 A1PROS-AI4100 Datasheet
1Mb / 18P
   CCD CDS/PGA/10b-20M-ADC
logo
Exar Corporation
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
logo
List of Unclassifed Man...
FZ800E-ADC-CDS ETC-FZ800E-ADC-CDS Datasheet
79Kb / 1P
   ADC-CDS
logo
Exar Corporation
XRD98L63 EXAR-XRD98L63 Datasheet
616Kb / 41P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com