Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT1085-4R1-01A-ES4.5 Datasheet (PDF) - TDK Electronics

ANT1085-4R1-01A-ES4.5 Datasheet PDF - TDK Electronics
Part # ANT1085-4R1-01A-ES4.5
Download  ANT1085-4R1-01A-ES4.5 Download

File Size   91.82 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description LTCC CHIP ANTENNA FOR UWB

ANT1085-4R1-01A-ES4.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANT1085-4R1-01A-ES4.5 Datasheet PDF - TDK Electronics

Part # ANT1085-4R1-01A-ES4.5
Download  ANT1085-4R1-01A-ES4.5 Click to download

File Size   91.82 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description LTCC CHIP ANTENNA FOR UWB

ANT1085-4R1-01A-ES4.5 Datasheet (HTML) - TDK Electronics

ANT1085-4R1-01A-ES4.5 Datasheet HTML 1Page - TDK Electronics ANT1085-4R1-01A-ES4.5 Datasheet HTML 2Page - TDK Electronics ANT1085-4R1-01A-ES4.5 Datasheet HTML 3Page - TDK Electronics ANT1085-4R1-01A-ES4.5 Datasheet HTML 4Page - TDK Electronics



Similar Part No. - ANT1085-4R1-01A-ES4.5

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT1003LL15R1524A YAGEO-ANT1003LL15R1524A Datasheet
638Kb / 6P
   WIRELESS COMPONENTS
ANT1003LL15R2455A YAGEO-ANT1003LL15R2455A Datasheet
802Kb / 7P
   WIRELESS COMPONENTS
ANT1004F002R2400A YAGEO-ANT1004F002R2400A Datasheet
445Kb / 6P
   WIRELESS COMPONENTS
More results


Similar Description - ANT1085-4R1-01A-ES4.5

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-107-T ABRACON-ACA-107-T Datasheet
2Mb / 3P
   UWB Chip Antenna 3200 ~ 7200MHz
10.07.14
logo
Molex Electronics Ltd.
2156340001 MOLEX-2156340001 Datasheet
108Kb / 1P
   MOLEX GNSS LTCC CHIP ANTENNA
2020/12/01
logo
Abracon Corporation
ACG0301U ABRACON-ACG0301U Datasheet
1Mb / 12P
   UWB: 6.2 – 8.2 GHz Chip Antenna
09-23-22
logo
Mitsumi Electronics, Co...
DCA-E03 MITSUMI-DCA-E03 Datasheet
44Kb / 2P
   Small UWB Antenna
logo
Abracon Corporation
ACG0502U ABRACON-ACG0502U Datasheet
917Kb / 11P
   UWB: 3.7 – 4.2 GHz Chip Antenna
09-21-22
ACG0806U ABRACON-ACG0806U Datasheet
1Mb / 14P
   UWB: 3.3 – 7.2 GHz Chip Antenna
09-23-22
logo
Johanson Technology Inc...
7000AT18A1600 JOHANSON-7000AT18A1600 Datasheet
510Kb / 5P
   7GHz Mini UWB Antenna
logo
Abracon Corporation
ACR0301U-EVB ABRACON-ACR0301U-EVB Datasheet
414Kb / 3P
   Evaluation Board - 6.24 ~ 8.50 GHz UWB - Chip Antenna
09-15-21
logo
AVX Corporation
1005188F0 AVX-1005188F0 Datasheet
2Mb / 5P
   UWB FPC Embedded Antenna
1/7/2020
1005190F0 AVX-1005190F0 Datasheet
842Kb / 5P
   UWB FPC Embedded Antenna
1/7/2020
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com