Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB1215A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TB1215A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TB1215A
Download  TB1215A Download

File Size   223.18 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 310MHz 14.2MHz BW (SMD 13.3횞6.5 mm)

TB1215A Datasheet (PDF)

Go To PDF Page Download Datasheet
TB1215A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB1215A
Download  TB1215A Click to download

File Size   223.18 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 310MHz 14.2MHz BW (SMD 13.3횞6.5 mm)

TB1215A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TB1215A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1215A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1215A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1215A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1215A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1215A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1215A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TB1215A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TB1215A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB1215A GOLLEDGE-TB1215A Datasheet
153Kb / 6P
   SAW Filter 310.0MHz
More results


Similar Description - TB1215A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0887A TAI-SAW-TB0887A Datasheet
345Kb / 6P
   SAW Filter 55MHz 0.5MHz BW (SMD 13.3횞6.5 mm)
TB0479A TAI-SAW-TB0479A Datasheet
362Kb / 6P
   SAW Filter 96MHz 1.6MHz BW (SMD 13.3횞6.5 mm)
TB1046A TAI-SAW-TB1046A Datasheet
345Kb / 7P
   SAW Filter 304MHz 4MHz BW (SMD 13.3횞6.5 mm)
TB0184B TAI-SAW-TB0184B Datasheet
185Kb / 6P
   SAW Filter 70MHz 3.5MHz BW (SMD 13.3횞6.5 mm)
TB1154A TAI-SAW-TB1154A Datasheet
144Kb / 7P
   SAW Filter 148MHz 21.59MHz BW (SMD 13.3횞6.5 mm)
TB1188A TAI-SAW-TB1188A Datasheet
231Kb / 10P
   SAW Filter 241MHz 0.2MHz BW (SMD 13.3횞6.5 mm)
TB1235A TAI-SAW-TB1235A Datasheet
351Kb / 7P
   SAW Filter 120MHz 13.84MHz BW (SMD 13.3횞6.5 mm)
TB0885A TAI-SAW-TB0885A Datasheet
305Kb / 7P
   SAW Filter 77.5MHz 1MHz BW (SMD 13.3횞6.5 mm)
TB1093A TAI-SAW-TB1093A Datasheet
141Kb / 7P
   SAW Filter 181MHz 50MHz BW (SMD 13.3횞6.5 mm)
TB1014A TAI-SAW-TB1014A Datasheet
333Kb / 7P
   SAW Filter 165.74MHz 27MHz BW (SMD 13.3횞6.5 mm)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com