Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT573A Datasheet (PDF) - ON Semiconductor

74VHCT573A Datasheet PDF - ON Semiconductor
Part # 74VHCT573A
Download  74VHCT573A Download

File Size   266.19 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Latch with 3-STATE Outputs

74VHCT573A Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT573A Datasheet PDF - ON Semiconductor

Part # 74VHCT573A
Download  74VHCT573A Click to download

File Size   266.19 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D-Type Latch with 3-STATE Outputs

74VHCT573A Datasheet (HTML) - ON Semiconductor

Back Button 74VHCT573A Datasheet HTML 1Page - ON Semiconductor 74VHCT573A Datasheet HTML 2Page - ON Semiconductor 74VHCT573A Datasheet HTML 3Page - ON Semiconductor 74VHCT573A Datasheet HTML 4Page - ON Semiconductor 74VHCT573A Datasheet HTML 5Page - ON Semiconductor 74VHCT573A Datasheet HTML 6Page - ON Semiconductor 74VHCT573A Datasheet HTML 7Page - ON Semiconductor 74VHCT573A Datasheet HTML 8Page - ON Semiconductor 74VHCT573A Datasheet HTML 9Page - ON Semiconductor 74VHCT573A Datasheet HTML 10Page - ON Semiconductor Next Button 

74VHCT573A Product details

General Description
The VHCT573A is an advanced high speed CMOS octal latch with 3-STATE output fabricated with silicon gate CMOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. This 8-bit D-type latch is controlled by a Latch Enable input (LE) and an Output Enable input (OE). When the OE input is HIGH, the eight outputs are in a high impedance state.

Features
■ High speed: tPD = 7.7ns (Typ.) at TA = 25°C
■ High Noise Immunity: VIH = 2.0V, VIL = 0.8V
■ Power Down Protection is provided on all inputs and outputs
■ Low Noise: VOLP = 1.6V (Max.)
■ Low Power Dissipation: ICC = 4µA (Max.) @ TA = 25°C
■ Pin and function compatible with 74HCT573




Similar Part No. - 74VHCT573A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT573A STMICROELECTRONICS-74VHCT573A Datasheet
74Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
logo
Toshiba Semiconductor
74VHCT573AFT TOSHIBA-74VHCT573AFT Datasheet
177Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
STMicroelectronics
74VHCT573AM STMICROELECTRONICS-74VHCT573AM Datasheet
74Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74VHCT573AM FAIRCHILD-74VHCT573AM Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
More results


Similar Description - 74VHCT573A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com