Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM514400E Datasheet (PDF) - OKI electronic componets

MSM514400E Datasheet PDF - OKI electronic componets
Part # MSM514400E
Download  MSM514400E Download

File Size   284.82 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM514400E Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM514400E Datasheet PDF - OKI electronic componets

Part # MSM514400E
Download  MSM514400E Click to download

File Size   284.82 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM514400E Datasheet (HTML) - OKI electronic componets

Back Button MSM514400E Datasheet HTML 1Page - OKI electronic componets MSM514400E Datasheet HTML 2Page - OKI electronic componets MSM514400E Datasheet HTML 3Page - OKI electronic componets MSM514400E Datasheet HTML 4Page - OKI electronic componets MSM514400E Datasheet HTML 5Page - OKI electronic componets MSM514400E Datasheet HTML 6Page - OKI electronic componets MSM514400E Datasheet HTML 7Page - OKI electronic componets MSM514400E Datasheet HTML 8Page - OKI electronic componets MSM514400E Datasheet HTML 9Page - OKI electronic componets MSM514400E Datasheet HTML 10Page - OKI electronic componets Next Button 

MSM514400E Product details

DESCRIPTION

The MSM514400E/EL is a 1,048,576-word × 4-bit dynamic RAM fabricated in Oki’s silicon-gate CMOS technology. The MSM514400E/EL achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM514400E/EL is available in a 26/20-pin plastic SOJ, 26/20-pin plastic TSOP. The MSM514400EL (the low-power version) is specially designed for lower-power applications.



FEATURES

• 1,048,576-word × 4-bit configuration

• Single 5V power supply, ± 10% tolerance

• Input : TTL compatible, low input capacitance

• Output : TTL compatible, 3-state

• Refresh : 1024 cycles/16 ms, 1024 cycles/128 ms (L-version)

• Fast page mode, read modify write capability

• CAS before RAS refresh, hidden refresh, RAS-only refresh capability

• Multi-bit test mode capability

• Package options:

   26/20-pin 300mil plastic SOJ (SOJ26/20-P-300-1.27) (Product : MSM514400E/EL-xxSJ)

   26/20-pin 300mil plastic TSOP (TSOPII26/20-P-300-1.27-K) (Product : MSM514400E/EL-xxTS-K)

                                                                                       xx indicates speed rank.




Similar Part No. - MSM514400E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514400E OKI-MSM514400E Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E-60SJ OKI-MSM514400E-60SJ Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E-60TS-K OKI-MSM514400E-60TS-K Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E-70SJ OKI-MSM514400E-70SJ Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400E-70TS-K OKI-MSM514400E-70TS-K Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Similar Description - MSM514400E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V4400E OKI-MSM51V4400E Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400EL OKI-MSM514400EL Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400D OKI-MSM514400D Datasheet
499Kb / 17P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4400 OKI-MSM51V4400 Datasheet
618Kb / 8P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200 OKI-MSM512200 Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com