Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC918 Datasheet (PDF) - Micrel Semiconductor

MIC918 Datasheet PDF - Micrel Semiconductor
Part # MIC918
Download  MIC918 Download

File Size   47.76 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 51MHz Low-Power SOT-23-5/SC-70 Op Amp

MIC918 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC918 Datasheet PDF - Micrel Semiconductor

Part # MIC918
Download  MIC918 Click to download

File Size   47.76 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 51MHz Low-Power SOT-23-5/SC-70 Op Amp

MIC918 Datasheet (HTML) - Micrel Semiconductor

MIC918 Datasheet HTML 1Page - Micrel Semiconductor MIC918 Datasheet HTML 2Page - Micrel Semiconductor MIC918 Datasheet HTML 3Page - Micrel Semiconductor MIC918 Datasheet HTML 4Page - Micrel Semiconductor MIC918 Datasheet HTML 5Page - Micrel Semiconductor MIC918 Datasheet HTML 6Page - Micrel Semiconductor MIC918 Datasheet HTML 7Page - Micrel Semiconductor

MIC918 Product details

General Description
The MIC918 is a high-speed operational amplifier with a gain-bandwidth product of 51MHz. The part is unity gain stable. Ithas a very low 550A supply current, and features the IttyBitty ™ SOT-23-5 package and SC-70 package. Supply voltage range is from ±2.5V to ±9V, allowing the MIC918 to be used in low-voltage circuits or applications requiring large dynamic range.

Features
• 51MHz gain bandwidth product
• 550µA supply current
• SOT-23-5 or SC-70 packages
• 1500V/µs slew rate
• drives any capacitive load
• Unity gain stable

Applications
• Video
• Imaging
• Ultrasound
• Portable equipment
• Line drivers




Similar Part No. - MIC918

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910 Datasheet
2Mb / 14P
   135MHz, Low-Power SOT-23-5 Op Amp
MIC910BM5 MICREL-MIC910BM5 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC910BM5 MICREL-MIC910BM5 Datasheet
135Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC910YM5 MICREL-MIC910YM5 Datasheet
2Mb / 14P
   135MHz, Low-Power SOT-23-5 Op Amp
More results


Similar Description - MIC918

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
   27MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
   135MHz, Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
   160MHz Low-Power SOT-23-5 Op Amp
MIC911 MICREL-MIC911 Datasheet
204Kb / 12P
   105MHz Low-Power SOT-23-5 Op Amp
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
   200MHz Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC913 MICREL-MIC913 Datasheet
180Kb / 12P
   350MHz Low-Power SOT-23-5 Op Amp
MIC920 MICREL-MIC920 Datasheet
161Kb / 11P
   80MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922 Datasheet
277Kb / 12P
   230MHz Low-Power SC-70 Op Amp
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com