Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTD113EC Datasheet (PDF) - Diodes Incorporated

DDTD113EC Datasheet PDF - Diodes Incorporated
Part # DDTD113EC
Download  DDTD113EC Download

File Size   69.87 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR

DDTD113EC Datasheet (PDF)

Go To PDF Page Download Datasheet
DDTD113EC Datasheet PDF - Diodes Incorporated

Part # DDTD113EC
Download  DDTD113EC Click to download

File Size   69.87 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR

DDTD113EC Datasheet (HTML) - Diodes Incorporated

DDTD113EC Datasheet HTML 1Page - Diodes Incorporated DDTD113EC Datasheet HTML 2Page - Diodes Incorporated DDTD113EC Datasheet HTML 3Page - Diodes Incorporated

DDTD113EC Product details

Features
• Epitaxial Planar Die Construction
• Complementary PNP Types Available (DDTB)
• Built-In Biasing Resistors, R1, R2
• Lead, Halogen and Antimony Free, RoHS Compliant
• "Green" Device (Notes 2 and 3)




Similar Part No. - DDTD113EC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD113EC DIODES-DDTD113EC Datasheet
80Kb / 4P
   NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
DS30384 Rev. 10 - 2
DDTD113EC DIODES-DDTD113EC_09 Datasheet
80Kb / 4P
   NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
DS30384 Rev. 10 - 2
More results


Similar Description - DDTD113EC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTDXXXXC DIODES-DDTDXXXXC Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTD122LC DIODES-DDTD122LC Datasheet
75Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTB122LC DIODES-DDTB122LC_1 Datasheet
72Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 5 - 2
DDTBXXXXC DIODES-DDTBXXXXC Datasheet
66Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 2 - 2
DDTB113EC DIODES-DDTB113EC Datasheet
78Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30385 Rev. 6 - 2
DDTD113EU DIODES-DDTD113EU Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30382 Rev. 2 - 2
DDTDXXXXU DIODES-DDTDXXXXU Datasheet
69Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 2 - 2
DDTD122LU DIODES-DDTD122LU_1 Datasheet
79Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 5 - 2
DDTD122LU DIODES-DDTD122LU_2 Datasheet
116Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30398 Rev. 6 - 2
DDTDC DIODES-DDTDC Datasheet
352Kb / 5P
   NPN PRE-BIASED 500 MA SURFACE MOUNT TRANSISTOR
Rev. 8 - 2 July 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com