Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE2F3P Datasheet (PDF) - NEC

CE2F3P Datasheet PDF - NEC
Part # CE2F3P
Download  CE2F3P Download

File Size   110.84 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description on-chip resistor NPN silicon epitaxial transistor For mid-speed switching

CE2F3P Datasheet (PDF)

Go To PDF Page Download Datasheet
CE2F3P Datasheet PDF - NEC

Part # CE2F3P
Download  CE2F3P Click to download

File Size   110.84 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description on-chip resistor NPN silicon epitaxial transistor For mid-speed switching

CE2F3P Datasheet (HTML) - NEC

CE2F3P Datasheet HTML 1Page - NEC CE2F3P Datasheet HTML 2Page - NEC CE2F3P Datasheet HTML 3Page - NEC CE2F3P Datasheet HTML 4Page - NEC

CE2F3P Product details

on-chip resistor NPN silicon epitaxial transistor For mid-speed switching

The CE2F3P is a transistor of on-chip high hFE resistor incorporating dumper diode in collector to emitter as protect elements. This transistor is ideal for actuator drives of OA equipments and electric equipments.

FEATURES
• On-chip bias resistor: R1 = 2.2 kΩ, R2 = 10 kΩ
• Low power consumption during driving:
   VOL = 0.12 V @VI = 5.0 V, IC = 0.5 A
• On-chip dumper diode for reverse cable




Similar Part No. - CE2F3P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CE2F3P RENESAS-CE2F3P Datasheet
234Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
CE2F3P RENESAS-CE2F3P_15 Datasheet
235Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
More results


Similar Description - CE2F3P

ManufacturerPart #DatasheetDescription
logo
NEC
CE1F3P NEC-CE1F3P Datasheet
141Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
AA1F4Z NEC-AA1F4Z Datasheet
81Kb / 4P
   On-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
HD1 RENESAS-HD1_15 Datasheet
521Kb / 8P
   ON-CHIP RESISTOR NPN SILICON EPITAXIAL TRANSISTOR FOR MID-SPEED SWITCHING
AA1A3Q RENESAS-AA1A3Q Datasheet
237Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
AA1F4Z RENESAS-AA1F4Z Datasheet
236Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
HD2 RENESAS-HD2_15 Datasheet
325Kb / 8P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE1N2R RENESAS-CE1N2R_15 Datasheet
261Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
NEC
CE1N2R NEC-CE1N2R Datasheet
54Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
CE2A3Q NEC-CE2A3Q Datasheet
232Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
AA1L3M RENESAS-AA1L3M Datasheet
238Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
CE1A3Q RENESAS-CE1A3Q Datasheet
338Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor For mid-speed switching
April 1st, 2010
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com