Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7824 Datasheet (PDF) - TAITRON Components Incorporated

LM7824 Datasheet PDF - TAITRON Components Incorporated
Part # LM7824
Download  LM7824 Download

File Size   415.89 Kbytes
Page   16 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1A Standard Positive Voltage Regulator

LM7824 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7824 Datasheet PDF - TAITRON Components Incorporated

Part # LM7824
Download  LM7824 Click to download

File Size   415.89 Kbytes
Page   16 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 1A Standard Positive Voltage Regulator

LM7824 Datasheet (HTML) - TAITRON Components Incorporated

Back Button LM7824 Datasheet HTML 1Page - TAITRON Components Incorporated LM7824 Datasheet HTML 2Page - TAITRON Components Incorporated LM7824 Datasheet HTML 3Page - TAITRON Components Incorporated LM7824 Datasheet HTML 4Page - TAITRON Components Incorporated LM7824 Datasheet HTML 5Page - TAITRON Components Incorporated LM7824 Datasheet HTML 6Page - TAITRON Components Incorporated LM7824 Datasheet HTML 7Page - TAITRON Components Incorporated LM7824 Datasheet HTML 8Page - TAITRON Components Incorporated LM7824 Datasheet HTML 9Page - TAITRON Components Incorporated LM7824 Datasheet HTML 10Page - TAITRON Components Incorporated Next Button 

LM7824 Product details

General Description
• The TCI LM78XX family is monolithic fixed voltage regulator integrated circuit. They are suitable for applications thatrequired supply current up to 1A.
• The LM78M is available in D-PACK (TO-252) and TO-220 packages.

Features
• Output Current up to 1A
• Fixed output voltage of 3.3V and 4.7V available
• Thermal overload shutdown protection
• Short circuit current limiting
• Output transistor SOA protection
• RoHS Compliance

Applications
• High Efficiency Linear Regulator
• Post Regulation for Switching Supply
• Microprocessor Power Supply
• Mother Board




Similar Part No. - LM7824

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM7824 UTC-LM7824 Datasheet
83Kb / 6P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM7824 ETC-LM7824 Datasheet
175Kb / 6P
   1.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7824 FAIRCHILD-LM7824 Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7824 FAIRCHILD-LM7824 Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7824 FCI-LM7824 Datasheet
621Kb / 8P
   LM7800 Series 3-Terminal fixed Voltage Regulators
More results


Similar Description - LM7824

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
78DXXA UTC-78DXXA_15 Datasheet
368Kb / 9P
   3-TERMINALS 1A POSITIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com