Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA9N90C Datasheet (PDF) - Fairchild Semiconductor

FQA9N90C Datasheet PDF - Fairchild Semiconductor
Part # FQA9N90C
Download  FQA9N90C Download

File Size   680.52 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 900V N-Channel MOSFET

FQA9N90C Datasheet (PDF)

Go To PDF Page Download Datasheet
FQA9N90C Datasheet PDF - Fairchild Semiconductor

Part # FQA9N90C
Download  FQA9N90C Click to download

File Size   680.52 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 900V N-Channel MOSFET

FQA9N90C Datasheet (HTML) - Fairchild Semiconductor

FQA9N90C Datasheet HTML 1Page - Fairchild Semiconductor FQA9N90C Datasheet HTML 2Page - Fairchild Semiconductor FQA9N90C Datasheet HTML 3Page - Fairchild Semiconductor FQA9N90C Datasheet HTML 4Page - Fairchild Semiconductor FQA9N90C Datasheet HTML 5Page - Fairchild Semiconductor FQA9N90C Datasheet HTML 6Page - Fairchild Semiconductor FQA9N90C Datasheet HTML 7Page - Fairchild Semiconductor FQA9N90C Datasheet HTML 8Page - Fairchild Semiconductor

FQA9N90C Product details

Description

These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology hasbeen especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devicesare well suited for high efficient switched mode power supplies, active power factor correction, electronic lamp ballast based on half bridge topology.



Features

• 9A, 900V, RDS(on)= 1.4Ω@VGS= 10 V

• Low gate charge ( typical 45 nC)

• Low Crss ( typical 14pF)

•Fast switching

• 100% avalanche tested

• Improved dv/dt capability

 




Similar Part No. - FQA9N90C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
798Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
804Kb / 8P
   900V N-Channel MOSFET
logo
Thinki Semiconductor Co...
FQA9N90C THINKISEMI-FQA9N90C Datasheet
2Mb / 7P
   ThinkiSemi 9.0A,900V Planar N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
FQA9N90C ISC-FQA9N90C Datasheet
342Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FQA9N90C-F109 ONSEMI-FQA9N90C-F109 Datasheet
1Mb / 9P
   N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω
December-2017, Rev 3
More results


Similar Description - FQA9N90C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com