Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT40K05AL Datasheet (PDF) - ATMEL Corporation

AT40K05AL Datasheet PDF - ATMEL Corporation
Part # AT40K05AL
Download  AT40K05AL Download

File Size   43.66 Kbytes
Page   4 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 5K - 50K Gates Coprocessor FPGA with FreeRAM

AT40K05AL Datasheet (PDF)

Go To PDF Page Download Datasheet
AT40K05AL Datasheet PDF - ATMEL Corporation

Part # AT40K05AL
Download  AT40K05AL Click to download

File Size   43.66 Kbytes
Page   4 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 5K - 50K Gates Coprocessor FPGA with FreeRAM

AT40K05AL Datasheet (HTML) - ATMEL Corporation

AT40K05AL Datasheet HTML 1Page - ATMEL Corporation AT40K05AL Datasheet HTML 2Page - ATMEL Corporation AT40K05AL Datasheet HTML 3Page - ATMEL Corporation AT40K05AL Datasheet HTML 4Page - ATMEL Corporation

AT40K05AL Product details

Description
The AT40KAL is a family of fully PCI-compliant, SRAM-based FPGAs with distributed 10ns programmable synchronous/asynchronous, dual-port/single-port SRAM, eight global clocks, Cache Logic ability (partially or fully reconfigurable without loss of data), automatic component generators, and range in size from 5,000 to 50,000 usable gates. I/O counts range from 114 to 161 in industry standard packages ranging from 144-pin LQFP to 208-pin PQFP, and support 3.3V designs.

Features
• Ultra High Performance
   ̶ System Speeds to 100MHz
   ̶ Array Multipliers > 50MHz
   ̶ 10ns Flexible SRAM
   ̶ Internal Tri-state Capability in Each Cell
• FreeRAM™
   ̶ Flexible, Single/Dual Port, Synchronous/Asynchronous 10ns SRAM
   ̶ 2,048 – 18,432 bits of Distributed SRAM Independent of Logic Cells
• 128 – 384 PCI Compliant I/Os
   ̶ Programmable Output Drive
   ̶ Fast, Flexible Array Access Facilitates Pin Locking
   ̶ Pin-compatible with XC4000 and XC5200 FPGAs
• Eight Global Clocks
   ̶ Fast, Low Skew Clock Distribution
   ̶ Programmable Rising/Falling Edge Transitions
   ̶ Distributed Clock Shutdown Capability for Low Power Management
   ̶ Global Reset/Asynchronous Reset Options
   ̶ Four Additional Dedicated PCI Clocks
• Cache Logic® Dynamic Full/Partial Re-configurability In-System
   ̶ Unlimited Re-programmability via Serial or Parallel Modes
   ̶ Enables Adaptive Designs
   ̶ Enables Fast Vector Multiplier Updates
• Pin-compatible Package Options
   ̶ Low-profile, Plastic Quad Flat Packs (LQFP and PQFP)
• User-friendly Design Tools
   ̶ Supoorted by industry standard EDA tools such as Precision Synthesis, Leondardo Spectrum, Synplify, and Others
   ̶ Timing Driven Placement and Routing
   ̶ Automatic/Interactive Multi-chip Partitioning
   ̶ Fast, Efficient Synthesis
   ̶ Over 75 Automatic Component Generators Create 1000s of Reusable, Fully Deterministic Logic, and RAM Functions
• Supply Voltage 3.3V
• 5V I/O Tolerant




Similar Part No. - AT40K05AL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05AL ATMEL-AT40K05AL Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
More results


Similar Description - AT40K05AL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05 ATMEL-AT40K05 Datasheet
1Mb / 67P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05AL ATMEL-AT40K05AL_14 Datasheet
1Mb / 51P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
logo
Toshiba Semiconductor
TC110G TOSHIBA-TC110G Datasheet
2Mb / 5P
   50K gates/D.6ns. Compact and powerful!
logo
ATMEL Corporation
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com