![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
RK1R-L224V - 1.5GHz MICROWAVE RELAY - Nais(Matsushita Electric Works) |
|
Click Here View RK1R-L224V Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| RK1-3V | 1.5 GHz MICROWAVE RELAY | Nais(Matsushita Electric Works) |
| RA-RELAYS | MICROWAVE RELAY FOR ATTENUATOR CIRCUIT | Nais(Matsushita Electric Works) |
| MGF2445 | MICROWAVE POWER GaAs FETĦĦ | Mitsubishi Electric Semiconductor |
| MRF10500 | MICROWAVE POWER TRANSISTORS | Motorola, Inc |
| 2SC3587 | NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE LOW-NOISE AMPLIFICATION | NEC |
| 2SC5181 | NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION | NEC |
| UPA808T | MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS SUPER MINI MOLD | NEC |
| LLE18040X | NPN microwave power transistor | NXP Semiconductors |
| LX1214E500X | NPN microwave power transistor | NXP Semiconductors |
| PLB16012U | NPN microwave power transistor | NXP Semiconductors |
Link URL |
|
|
Related keyword |
| RK1R-L224V Datasheet | RK1R-L224V Cross Reference | RK1R-L224V Schematic | RK1R-L224V Distributor | RK1R-L224V Datenblatt | RK1R-L224V RoHS |
| RK1R-L224V Equivalent | RK1R-L224V Application Notes | RK1R-L224V Data Sheet | RK1R-L224V component | RK1R-L224V Fiche Technique | RK1R-L224V Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |