Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2N5301
(4)
2N5302
(11)
2N5303
(5)
2N5305
(1)
2N5306
(6)
2N5307
(4)
2N5308
(5)
2N5303 - POWER TRANSISTORS NPN SILICON - ON Semiconductor
Click Here View
2N5303
Datasheet
Part No.
2N5303
Description
POWER TRANSISTORS NPN SILICON
Download
2N5303
Click here
to View
File Size
251.85 Kbytes / 6 Pages
Maker
ONSEMI [ON Semiconductor]
Homepage
http://www.onsemi.com
Related Electronics Part Number
Part Number
Components Description
Manufacturer
BU522B
7
AMPERES
DARLINGTON
POWER
TRANSISTORS
NPN
SILICON
450
VOLTS
75
WATTS
Motorola, Inc
CJD3439
NPN
SILICON
PLASTIC
HIGH
VOLTAGE
POWER
TRANSISTORS
Continental Device India Limited
MJ13333
20
AMPERE
NPN
SILICON
POWER
TRANSISTORS
400-500
VOLTS
175
WATTS
Motorola, Inc
MRF421
RF
POWER
TRANSISTORS
NPN
SILICON
Motorola, Inc
BD245
NPN
SILICON
POWER
TRANSISTORS
Bourns Electronic Solutions
2N6338
POWER
TRANSISTORS
NPN
SILICON
ON Semiconductor
MJ413
10
Amp
NPN
Silicon
Power
Transistors
125W
Micro Commercial Components
2N4240
5
Amp
500V
High
Voltage
NPN
Silicon
Power
Transistors
Microsemi Corporation
BSS66
SOT23
NPN
SILICON
PLANAR
MEDIUM
POWER
SWITCHING
TRANSISTORS
ETC
BD743
NPN
SILICON
POWER
TRANSISTORS
Power Innovations Ltd
Link URL :
Related keyword
2N5303 Datasheet
2N5303 Cross Reference
2N5303 Schematic
2N5303 Distributor
2N5303 Datenblatt
2N5303 RoHS
2N5303 Equivalent
2N5303 Application Notes
2N5303 Data Sheet
2N5303 components
2N5303 Fiche Technique
2N5303 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer