Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-CCD1202MC Datasheet (PDF) - DATEL, Inc.

ADS-CCD1202MC Datasheet PDF - DATEL, Inc.
Part # ADS-CCD1202MC
Download  ADS-CCD1202MC Download

File Size   101.88 Kbytes
Page   1 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description Electronic Imaging

ADS-CCD1202MC Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-CCD1202MC Datasheet PDF - DATEL, Inc.

Part # ADS-CCD1202MC
Download  ADS-CCD1202MC Click to download

File Size   101.88 Kbytes
Page   1 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description Electronic Imaging

ADS-CCD1202MC Datasheet (HTML) - DATEL, Inc.

ADS-CCD1202MC Datasheet HTML 1Page - DATEL, Inc.

ADS-CCD1202MC Product details

GENERAL DESCRIPTION
The functionally complete, easy-to-use ADS-CCD1202 is a 12-bit, 2MHz Sampling A/D Converter whose performance and production testing have been optimized for use in CCD applications. This device delivers the lowest noise (600µVrms) and the best differential linearity error (±0.45LSB maximum) of any commercially available 12-bit A/D in its speed class. It can respond to full scale input steps (from empty to full well) with less than a single count of error, and its input is immune to overvoltages that may occur due to blooming.

FEATURES
• Unipolar input range (0 to +10V)
• 2MHz sampling rate
• 4096-to-1 dynamic range (72.2dB)
• Low noise, 600µVrms (1/4 of an LSB)
• Outstanding differential nonlinearity error (±0.45 LSB max.)
• Small, 24-pin ceramic DDIP
• Low power, 1.75 Watts
• Operates from ±12V or ±15V supplies
• Edge-triggered, no pipeline delay
• Low cost




Similar Part No. - ADS-CCD1202MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-CCD1202MC MURATA-PS-ADS-CCD1202MC Datasheet
309Kb / 8P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
logo
DATEL, Inc.
ADS-CCD1202MC DATEL-ADS-CCD1202MC Datasheet
316Kb / 9P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
ADS-CCD1202MC-C DATEL-ADS-CCD1202MC-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1202MC-C DATEL-ADS-CCD1202MC-C Datasheet
316Kb / 9P
   12-Bit, 2MHz, Sampling A/D?셲 for CCD Imaging Applications
More results


Similar Description - ADS-CCD1202MC

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADCDS-1403EX-C DATEL-ADCDS-1403EX-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201-C883 DATEL-ADS-CCD1201-C883 Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201G883 DATEL-ADS-CCD1201G883 Datasheet
102Kb / 1P
   Electronic Imaging
ADCDS-1410EX-C DATEL-ADCDS-1410EX-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201GE-C DATEL-ADS-CCD1201GE-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201GM DATEL-ADS-CCD1201GM Datasheet
102Kb / 1P
   Electronic Imaging
ADS-CCD1201ME-C DATEL-ADS-CCD1201ME-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201MM-C DATEL-ADS-CCD1201MM-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1202GM-C DATEL-ADS-CCD1202GM-C Datasheet
102Kb / 1P
   Electronic Imaging
ADS-CCD1202ME-C DATEL-ADS-CCD1202ME-C Datasheet
101Kb / 1P
   Electronic Imaging
CDS-1401MC DATEL-CDS-1401MC Datasheet
100Kb / 1P
   Electronic Imaging
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com