Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX60-3018G Datasheet (PDF) - Mini-Circuits

ZX60-3018G Datasheet PDF - Mini-Circuits
Part # ZX60-3018G
Download  ZX60-3018G Download

File Size   197.91 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Connectorized Amplifier 50ohm, 20 MHz to 3 GHz

ZX60-3018G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX60-3018G Datasheet PDF - Mini-Circuits

Part # ZX60-3018G
Download  ZX60-3018G Click to download

File Size   197.91 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Connectorized Amplifier 50ohm, 20 MHz to 3 GHz

ZX60-3018G Datasheet (HTML) - Mini-Circuits

ZX60-3018G Datasheet HTML 1Page - Mini-Circuits ZX60-3018G Datasheet HTML 2Page - Mini-Circuits



Similar Part No. - ZX60-3018G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-3011 MINI-ZX60-3011 Datasheet
80Kb / 2P
   Low Noise Amplifier 50??400 to 3000 MHz
More results


Similar Description - ZX60-3018G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-8008E MINI-ZX60-8008E Datasheet
94Kb / 2P
   Connectorized Amplifier 50 Ohm, 20 MHz to 8 GHz
ZX60-4016E MINI-ZX60-4016E Datasheet
255Kb / 2P
   Connectorized Amplifier 50廓, 20 MHz to 4 GHz
VNA-22 MINI-VNA-22 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-28 MINI-VNA-28 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-21 MINI-VNA-21 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
ERA-5XSM MINI-ERA-5XSM Datasheet
253Kb / 4P
   Monolithic Amplifier 50OHM, Broadband, DC to 4 GHz
MAV-11A MINI-MAV-11A Datasheet
73Kb / 1P
   MAV-11A Monolithic Amplifier 50OHM 50 to 2000 MHz
VNA-23 MINI-VNA-23 Datasheet
134Kb / 1P
   High Directivity Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
ADAPTERS_BNC_SMA MINI-ADAPTERS_BNC_SMA Datasheet
109Kb / 2P
   50OHM DC to 2 GHz
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
   50OHM, DC to 18 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com