Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SB1420
(1)
2SB1424
(5)
2SB1425
(1)
2SB1426
(1)
2SB1427
(3)
2SB1428
(1)
2SB1429
(1)
2SB1428 - 1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE - Rohm
Click Here View
2SB1428
Datasheet
Part No.
2SB1428
Description
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
Download
2SB1428
Click here
to View
File Size
88.13 Kbytes / 2 Pages
Maker
ROHM [Rohm]
Homepage
http://www.rohm.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
2SB1339
TAPED
POWER
TRANSISTOR
PACKAGE
FOR
USE
WITH
AN
AUTOMATIC
PLACEMENT
MACHINE
Rohm
LP2983
Micropower
150
mA
Voltage
Regulator
in
SOT-23
Package
For
Output
Voltages
1.2V
Designed
for
Use
with
Very
Low
ESR
Output
Capacitors
National Semiconductor
LP2992
Micropower
250
mA
Low-Noise
Ultra
Low-Dropout
Regulator
in
SOT-23
and
LLP
Packages
Designed
for
Use
with
Very
Low
ESR
Output
Capacitors
National Semiconductor
2N2222ADCSM
DUAL
HIGH
SPEED
MEDIUM
POWER
NPN
SWITCHING
TRANSISTOR
IN
A
HERMETICALLY
SEALED
CERAMIC
SURFACE
MOUNT
PACKAGE
FOR
HIGH
RELIABILITY
APPLICATIONS
Seme LAB
NESG250134
NECs
NPN
SiGe
RF
TRANSISTOR
FOR
MEDIUM
OUTPUT
POWER
AMPLIFIVATION
800mW
3-PIN
OWER
MINIMOLD
34
PACKAGE
California Eastern Labs
STC2G15
BCMOS
VOLTAGE
REGULATOR
DESIGNED
FOR
USE
WITH
VERY
LOW
ESR
AND
TANTALUM
OUTPUT
CAPACITOR
STMicroelectronics
2N2369ACSM
HIGH
SPEED
MEDIUM
POWER
NPN
SWITCHING
TRANSISTOR
IN
A
HERMETICALLY
SEALED
CERAMIC
SURFACE
MOUNT
PACKAGE
FOR
HIGH
RELIABILITY
APPLICATIONS
Seme LAB
FIC98648
Microprocessor
for
use
with
TGS4160
in
automatic
CO2
monitors
ETC
2N2484CSM
HIGH
SPEED
MEDIUM
POWER
NPN
GENERAL
PURPOSE
TRANSISTOR
IN
A
HERMETICALLY
SEALED
CERAMIC
SURFACE
MOUNT
PACKAGE
FOR
HIGH
RELIABILITY
APPLICATIONS
Seme LAB
RD06HVF1
MOS
FET
type
transistor
specifically
designed
for
VHF
RF
power
amplifiers
applications.
Mitsubishi Electric Semiconductor
Link URL :
Related keyword
2SB1428 Datasheet
2SB1428 Cross Reference
2SB1428 Schematic
2SB1428 Distributor
2SB1428 Datenblatt
2SB1428 RoHS
2SB1428 Equivalent
2SB1428 Application Notes
2SB1428 Data Sheet
2SB1428 components
2SB1428 Fiche Technique
2SB1428 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer