Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9236 Datasheet (PDF) - Cirrus Logic

CS9236 Datasheet PDF - Cirrus Logic
Part # CS9236
Download  CS9236 Download

File Size   414.29 Kbytes
Page   34 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER

CS9236 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS9236 Datasheet PDF - Cirrus Logic

Part # CS9236
Download  CS9236 Click to download

File Size   414.29 Kbytes
Page   34 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER

CS9236 Datasheet (HTML) - Cirrus Logic

Back Button CS9236 Datasheet HTML 1Page - Cirrus Logic CS9236 Datasheet HTML 2Page - Cirrus Logic CS9236 Datasheet HTML 3Page - Cirrus Logic CS9236 Datasheet HTML 4Page - Cirrus Logic CS9236 Datasheet HTML 5Page - Cirrus Logic CS9236 Datasheet HTML 6Page - Cirrus Logic CS9236 Datasheet HTML 7Page - Cirrus Logic CS9236 Datasheet HTML 8Page - Cirrus Logic CS9236 Datasheet HTML 9Page - Cirrus Logic CS9236 Datasheet HTML 10Page - Cirrus Logic Next Button 

CS9236 Product details

General Description
The CS9236 is a complete General MIDI wavetable music synthesizer on a single integrated circuit. The MIDI interpreter, synthesis engine, effects processing, and all RAM and ROM memories (including the wavetable sample ROM) are included on-chip. This all-digital device receives a standard serial MIDI data stream, and outputs a stereo 16-bit digital audio stream at 44.1kHz. The CS9236 digital audio output is directly compatible with the Crystal CS4236B/37B/38B multimedia CODECs, and with the CS4333 DAC.

Features
• Single low-cost device includes MIDI controller, synthesis engine, effects processing, RAM, and sample ROM
• General MIDI (GM) compliant
• 32-note polyphony at 44.1kHz rate
• Independent reverb and chorus levels for each MIDI channel
• +3.3V supply, +5V tolerant inputs
• Fully static power-down capability
• Simple to design in - Serial MIDI in, Stereo digital audio out
• Digital audio output directly Interfaces with the CS4236B/37B/38B and CS4333




Similar Part No. - CS9236

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS9233 ETC-CS9233 Datasheet
115Kb / 1P
   Integrated Wavetable Music Synthesizer
JAN .95
More results


Similar Description - CS9236

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS9233 ETC-CS9233 Datasheet
115Kb / 1P
   Integrated Wavetable Music Synthesizer
JAN .95
logo
LSI Computer Systems
YMF721 LSI-YMF721 Datasheet
324Kb / 41P
   FM Wavetable Synthesizer LSI
logo
Holtek Semiconductor In...
HT36A4 HOLTEK-HT36A4 Datasheet
247Kb / 22P
   8-Bit Music Synthesizer MCU
HT36B0 HOLTEK-HT36B0 Datasheet
161Kb / 13P
   8-Bit Music Synthesizer MCU
HT36A4 HOLTEK-HT36A4_07 Datasheet
301Kb / 38P
   Music Synthesizer 8-Bit MCU
HT37Q70 HOLTEK-HT37Q70 Datasheet
678Kb / 82P
   4-Channel Music Synthesizer MCU
HT36A2 HOLTEK-HT36A2 Datasheet
215Kb / 24P
   8-Bit Music Synthesizer MCU
HT36B4 HOLTEK-HT36B4 Datasheet
276Kb / 38P
   Music Synthesizer 8-Bit MCU
HT36A3 HOLTEK-HT36A3 Datasheet
145Kb / 11P
   8-Bit Music Synthesizer MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com