Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2N3771
(13)
2N3772
(12)
2N3773
(12)
2N3773 - TO-3 Power Package Transistors (NPN) - ETC
Click Here View
2N3773
Datasheet
Part No.
2N3773
Description
TO-3 Power Package Transistors (NPN)
Download
2N3773
Click here
to View
File Size
40.46 Kbytes / 1 Pages
Maker
ETC [ETC]
Homepage
Related Electronics Part Number
Part Number
Components Description
Manufacturer
MCA104
MULTI-CHIP
ARRAY
TWO
NPN
AND
TWO
PNP
HIGH
SPEED
MEDIUM
POWER
SWITCHING
TRANSISTORS
IN
A
HERMETICALLY
SEALED
CERAMIC
SURFACE
MOUNT
PACKAGE
Seme LAB
BU522B
7
AMPERES
DARLINGTON
POWER
TRANSISTORS
NPN
SILICON
450
VOLTS
75
WATTS
Motorola, Inc
CJD3439
NPN
SILICON
PLASTIC
HIGH
VOLTAGE
POWER
TRANSISTORS
Continental Device India Limited
MJ13333
20
AMPERE
NPN
SILICON
POWER
TRANSISTORS
400-500
VOLTS
175
WATTS
Motorola, Inc
MRF421
RF
POWER
TRANSISTORS
NPN
SILICON
Motorola, Inc
BD245
NPN
SILICON
POWER
TRANSISTORS
Bourns Electronic Solutions
LET21008
RF
POWER
TRANSISTORS
Ldmos
Enhanced
Technology
in
Plastic
Package
STMicroelectronics
2N6274
POWER
TRANSISTORS
NPN
SILICON
ON Semiconductor
MJ16018
NPN
Silicon
Power
Transistors
ON Semiconductor
BC537
NPN
SILICON
AF
MEDIUM
POWER
TRANSISTORS
Micro Electronics
Link URL :
Related keyword
2N3773 Datasheet
2N3773 Cross Reference
2N3773 Schematic
2N3773 Distributor
2N3773 Datenblatt
2N3773 RoHS
2N3773 Equivalent
2N3773 Application Notes
2N3773 Data Sheet
2N3773 components
2N3773 Fiche Technique
2N3773 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer