Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL38 Datasheet (PDF) - ON Semiconductor

MC100EL38 Datasheet PDF - ON Semiconductor
Part # MC100EL38
Download  MC100EL38 Download

File Size   128.01 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 첨2, 첨4/6 Clock Generation Chip

MC100EL38 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100EL38 Datasheet PDF - ON Semiconductor

Part # MC100EL38
Download  MC100EL38 Click to download

File Size   128.01 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 첨2, 첨4/6 Clock Generation Chip

MC100EL38 Datasheet (HTML) - ON Semiconductor

MC100EL38 Datasheet HTML 1Page - ON Semiconductor MC100EL38 Datasheet HTML 2Page - ON Semiconductor MC100EL38 Datasheet HTML 3Page - ON Semiconductor MC100EL38 Datasheet HTML 4Page - ON Semiconductor MC100EL38 Datasheet HTML 5Page - ON Semiconductor

MC100EL38 Product details

Description
The MC100LVEL38 is a low skew ÷2, ÷4/6 clock generation chip designed explicitly for low skew clock generation applications. The internal dividers are synchronous to each other, therefore, the common output edges are all precisely aligned. The device can be driven by either a differential or single-ended input signal.

Features
• 50 ps Maximum Output-to-Output Skew
• Synchronous Enable/Disable
• Master Reset for Synchronization
• ESD Protection: >2 kV Human Body Model
• The 100 Series Contains Temperature Compensation
• PECL Mode Operating Range: VCC = 3.0 V to 3.8 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −3.8 V
• Internal Input 75 kΩ Pulldown Resistors
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level 1
    For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 0.125 in, Oxygen Index: 28 to 34
• Transistor Count = 388 devices
• Pb−Free Packages are Available*



Similar Part No. - MC100EL38

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
MC100EL38DW ONSEMI-MC100EL38DW Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL38DWG ONSEMI-MC100EL38DWG Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100EL38DWR2 ONSEMI-MC100EL38DWR2 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
More results


Similar Description - MC100EL38

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100LVEL39 MOTOROLA-MC100LVEL39 Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838_06 Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
SY10EL38 MICREL-SY10EL38 Datasheet
73Kb / 6P
   5V/3.3V 첨2, 첨4/6 CLOCK GENERATION CHIP
SY100S839V MICREL-SY100S839V_06 Datasheet
64Kb / 6P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com