Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL90 Datasheet (PDF) - ON Semiconductor

MC100EL90 Datasheet PDF - ON Semiconductor
Part # MC100EL90
Download  MC100EL90 Download

File Size   114.85 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Triple ECL to PECL Translator

MC100EL90 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100EL90 Datasheet PDF - ON Semiconductor

Part # MC100EL90
Download  MC100EL90 Click to download

File Size   114.85 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Triple ECL to PECL Translator

MC100EL90 Datasheet (HTML) - ON Semiconductor

MC100EL90 Datasheet HTML 1Page - ON Semiconductor MC100EL90 Datasheet HTML 2Page - ON Semiconductor MC100EL90 Datasheet HTML 3Page - ON Semiconductor MC100EL90 Datasheet HTML 4Page - ON Semiconductor

MC100EL90 Product details

Description
The MC100LVEL90 is a triple ECL to LVPECL translator. The device receives either −3.3 V or −5 V differential ECL signals, determined by the VEE supply level, and translates them to +3.3 V differential LVPECL output signals.

Features
• 500 ps Propagation Delays
• ESD Protection: >2 kV HBM, >200 V MM
• The 100 Series Contains Temperature Compensation
• Operating Range: VCC = 3.0 V to 3.8 V; VEE = −3.0 V to −5.5 V; GND = 0 V
• Internal Input Pulldown Resistors
• Q Output will Default LOW with Inputs Open or at VEE
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity;
    Pb Pkg Level 1,
    Pb−Free Pkg Level 3
    For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 0.125 in, Oxygen Index: 28 to 34
• Transistor Count = 261 devices
• Pb−Free Packages are Available*



Similar Part No. - MC100EL90

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL90 ONSEMI-MC100EL90 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
MC100EL90DW ONSEMI-MC100EL90DW Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90DWG ONSEMI-MC100EL90DWG Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90DWG ONSEMI-MC100EL90DWG Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
More results


Similar Description - MC100EL90

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL91 ONSEMI-MC100LVEL91 Datasheet
80Kb / 4P
   Triple PECL to ECL Translator?
1997 REV 1
logo
Micrel Semiconductor
SY100EL91 MICREL-SY100EL91_06 Datasheet
57Kb / 5P
   TRIPLE PECL-TO-ECL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100EL90 ONSEMI-MC100EL90_06 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
   -3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC100EL91 ONSEMI-MC100EL91_06 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
71Kb / 3P
   Triple PECL to LVPECL Translator?
1997 REV 2
MC100EL91 ONSEMI-MC100EL91 Datasheet
150Kb / 5P
   5 V Triple PECL Input to -5 V ECL Output Translator
July, 2016 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com