Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTV32 Datasheet (PDF) - Vishay Siliconix

DTV32 Datasheet PDF - Vishay Siliconix
Part # DTV32
Download  DTV32 Download

File Size   146.39 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Damper Diodes

DTV32 Datasheet (PDF)

Go To PDF Page Download Datasheet
DTV32 Datasheet PDF - Vishay Siliconix

Part # DTV32
Download  DTV32 Click to download

File Size   146.39 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Damper Diodes

DTV32 Datasheet (HTML) - Vishay Siliconix

DTV32 Datasheet HTML 1Page - Vishay Siliconix DTV32 Datasheet HTML 2Page - Vishay Siliconix DTV32 Datasheet HTML 3Page - Vishay Siliconix DTV32 Datasheet HTML 4Page - Vishay Siliconix

DTV32 Product details

FEATURES
• Glass passivated chip junction
• High breakdown voltage capability
• Very fast reverse recovery time
• Fast forward recovery time
• High efficiency, low switching losses
• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AC and ITO-220AC package)
• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC

TYPICAL APPLICATIONS
    For use in high resolution display TV and monitor horizontal deflection application.




Similar Part No. - DTV32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DTV32 STMICROELECTRONICS-DTV32 Datasheet
141Kb / 10P
   CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
logo
Vishay Siliconix
DTV32 VISHAY-DTV32 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
DTV32 VISHAY-DTV32 Datasheet
123Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV32-E3-45 VISHAY-DTV32-E3-45 Datasheet
123Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV32-E3/45 VISHAY-DTV32-E3/45 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
More results


Similar Description - DTV32

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS459-1500 VISHAY-BYS459-1500 Datasheet
47Kb / 3P
   High Voltage Damper Diodes
25-Jul-02
BYS459-1500S VISHAY-BYS459-1500S_07 Datasheet
142Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
DTV32 VISHAY-DTV32_11 Datasheet
123Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
BYS459-1500S VISHAY-BYS459-1500S_11 Datasheet
124Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV56 VISHAY-DTV56 Datasheet
141Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
DTV56 VISHAY-DTV56_11 Datasheet
126Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
BYS459-1500S VISHAY-BYS459-1500S Datasheet
45Kb / 3P
   High Voltage Damper Diodes
30-Jul-02
DTV32 VISHAY-DTV32_08 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
BYS459-1500 VISHAY-BYS459-1500_07 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
logo
STMicroelectronics
AN874 STMICROELECTRONICS-AN874 Datasheet
47Kb / 3P
   HIGH FREQUENCIES DAMPER DIODES
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com