Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBF110 Datasheet (PDF) - Fujitsu Component Limited.

MBF110 Datasheet PDF - Fujitsu Component Limited.
Part # MBF110
Download  MBF110 Download

File Size   240.26 Kbytes
Page   24 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Solid-State Fingerprint Sensor

MBF110 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBF110 Datasheet PDF - Fujitsu Component Limited.

Part # MBF110
Download  MBF110 Click to download

File Size   240.26 Kbytes
Page   24 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Solid-State Fingerprint Sensor

MBF110 Datasheet (HTML) - Fujitsu Component Limited.

Back Button MBF110 Datasheet HTML 1Page - Fujitsu Component Limited. MBF110 Datasheet HTML 2Page - Fujitsu Component Limited. MBF110 Datasheet HTML 3Page - Fujitsu Component Limited. MBF110 Datasheet HTML 4Page - Fujitsu Component Limited. MBF110 Datasheet HTML 5Page - Fujitsu Component Limited. MBF110 Datasheet HTML 6Page - Fujitsu Component Limited. MBF110 Datasheet HTML 7Page - Fujitsu Component Limited. MBF110 Datasheet HTML 8Page - Fujitsu Component Limited. MBF110 Datasheet HTML 9Page - Fujitsu Component Limited. MBF110 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MBF110 Product details

Overview
The Fujitsu MBF110 Solid-State Fingerprint Sensor is a direct contact, fingerprint acquisition device. It is a high performance, low power, low cost, capacitive sensor with an integrated twodimensional array of metal electrodes in the sensing array. Each metal electrode acts as one plate of a capacitor and the contacting finger acts as the second plate. A passivation layer on the device surface forms the dielectric between these two plates. Ridges and valleys on the finger yield varying capacitor values across the array, which is read to form an image of the fingerprint.
The MBF110 is manufactured in standard CMOS technology and is available in an 80-pin, VSPA 80/1 and LQFP 80/1. The 300 × 300 sensor array has a 50 µm pitch and yields a 500-dpi image. The sensor surface is protected by a patented, ultra-hard, abrasion and chemical resistant coating.

Features
• Non-optical solid-state device
• 300 × 300 sensor array, 50 µm pitch
• 1.5 cm × 1.5 cm sensor area
• 500-dpi resolution
• Operation from 3V to 5.5V
• Ultra-hard protective coating
• Integrated 8-bit flash analog-to-digital converter
• 8-bit microprocessor interface
• Standard CMOS technology
• Low power, less than 200 mW

Applications
• Database and network access
• Portable fingerprint acquisition
• Access control (home, auto, office, etc.)
• ATM
• Smart cards
• Cellular phone security access




Similar Part No. - MBF110

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF10 LUGUANG-MBF10 Datasheet
526Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Galaxy Semi-Conductor H...
MBF10J BILIN-MBF10J Datasheet
725Kb / 4P
   Silicon Bridge Rectifiers
MBF10K BILIN-MBF10K Datasheet
725Kb / 4P
   Silicon Bridge Rectifiers
MBF10M BILIN-MBF10M Datasheet
725Kb / 4P
   Silicon Bridge Rectifiers
MBF10N BILIN-MBF10N Datasheet
724Kb / 4P
   Silicon Bridge Rectifiers
More results


Similar Description - MBF110

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SEF-A1F1 MITSUMI-SEF-A1F1 Datasheet
61Kb / 2P
   Solid Optical Fingerprint Sensor
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
logo
Mantra Softech India Pv...
MFS100 MANTRA-MFS100 Datasheet
506Kb / 2P
   OPTICAL FINGERPRINT SENSOR
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
2SS52M HONEYWELL-2SS52M Datasheet
315Kb / 2P
   SOLID STATE SENSOR
logo
Honeywell Accelerometer...
SS41L HONEYWELL-ACC-SS41L Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
List of Unclassifed Man...
SS443A-L ETC-SS443A-L Datasheet
590Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
SS50AT HONEYWELL-SS50AT Datasheet
287Kb / 3P
   SOLID STATE SENSOR
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com