Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2252 Datasheet (PDF) - OKI electronic componets

ML2252 Datasheet PDF - OKI electronic componets
Part # ML2252
Download  ML2252 Download

File Size   199.6 Kbytes
Page   31 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI

ML2252 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2252 Datasheet PDF - OKI electronic componets

Part # ML2252
Download  ML2252 Click to download

File Size   199.6 Kbytes
Page   31 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI

ML2252 Datasheet (HTML) - OKI electronic componets

Back Button ML2252 Datasheet HTML 1Page - OKI electronic componets ML2252 Datasheet HTML 2Page - OKI electronic componets ML2252 Datasheet HTML 3Page - OKI electronic componets ML2252 Datasheet HTML 4Page - OKI electronic componets ML2252 Datasheet HTML 5Page - OKI electronic componets ML2252 Datasheet HTML 6Page - OKI electronic componets ML2252 Datasheet HTML 7Page - OKI electronic componets ML2252 Datasheet HTML 8Page - OKI electronic componets ML2252 Datasheet HTML 9Page - OKI electronic componets ML2252 Datasheet HTML 10Page - OKI electronic componets Next Button 

ML2252 Product details

GENERAL DESCRIPTION

The  ML2250  family is  a  2-channel  mixing  speech  synthesis  device  with  an  on-chip voice  data  (i.e.,  phrases) storing mask ROM and a flash memory. Besides playing the built-in voice data, this device can output voice data that  is  input  from  outside  the  device.  This ML2250  family  allows  selecting  the  playback  method from  the  8-bit PCM, non-linear  8-bit  PCM, 16-bit PCM, 2-bit ADPCM2, and 4-bit ADPCM2 algorithms. Andthe sound volume is adjustable as well.



FEATURES

Non-linear 8-bit PCM, 8-bit PCM, 16-bit PCM, 2-bit ADPCM2, and 4-bit ADPCM2 algorithms

Serial input/parallel input selectable

Phrase controltablefunctioni.e., user definable phrase control table function

2 channels mixingfunction

Master clock frequency:  4.096 MHz

Sampling frequency:  4.0 kHz, 5.3 kHz, 6.0kHz, 6.4 kHz, 8.0 kHz, 10.7 kHz, 12.0kHz, 12.8 kHz, 16.0 kHz, 21.3 kHz, 24.0kHz, 25.6 kHz, 32.0 kHz, 42.7 kHz, 48 kHz

Maximum number of phrases:  256 phrases

Sound volume adjustment function built in(2 soundsindependently adjustable in 29 steps)

External voice data can be input

14-bit D/A converter built in

Built-in low-pass filter:  Digital filter

Package:  44-pin plastic QFP  (QFP44-P-910-0.80-2K)

                                       (ML2251-XXXGA/ ML2252-XXXGA/ ML2253-XXXGA/

                                        ML2254-XXXGA /ML2256-XXXGA / ML22Q54GA/ML22Q58GA)

             33-pin W-CSP        (P-VFLGA33-5.03X5.78-0.80-W)

                                       (ML2253-XXXHB/ ML2254-XXXHB)

                                       (ML2256-XXXHB)




Similar Part No. - ML2252

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
OKI electronic componet...
ML2252-XXXGA OKI-ML2252-XXXGA Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
Micro Linear Corporatio...
ML2252BCP MICRO-LINEAR-ML2252BCP Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
ML2252BCQ MICRO-LINEAR-ML2252BCQ Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
ML2252CCP MICRO-LINEAR-ML2252CCP Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
More results


Similar Description - ML2252

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com