Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD43256B-X Datasheet (PDF) - NEC

UPD43256B-X Datasheet PDF - NEC
Part # UPD43256B-X
Download  UPD43256B-X Download

File Size   127.11 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION

UPD43256B-X Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD43256B-X Datasheet PDF - NEC

Part # UPD43256B-X
Download  UPD43256B-X Click to download

File Size   127.11 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION

UPD43256B-X Datasheet (HTML) - NEC

Back Button UPD43256B-X Datasheet HTML 1Page - NEC UPD43256B-X Datasheet HTML 2Page - NEC UPD43256B-X Datasheet HTML 3Page - NEC UPD43256B-X Datasheet HTML 4Page - NEC UPD43256B-X Datasheet HTML 5Page - NEC UPD43256B-X Datasheet HTML 6Page - NEC UPD43256B-X Datasheet HTML 7Page - NEC UPD43256B-X Datasheet HTML 8Page - NEC UPD43256B-X Datasheet HTML 9Page - NEC UPD43256B-X Datasheet HTML 10Page - NEC Next Button 

UPD43256B-X Product details

Description
The μPD43256B-X is a high speed, low power, and 262,144 bits (32,768 words by 8 bits) CMOS static RAM.
The μPD43256B-X is an extended-operating-temperature version of the μPD43256B (X version : TA = –25 to +85°C). And A and B versions are low voltage operations. Battery backup is available.
The μPD43256B-X is packed in 28-pin PLASTIC TSOP (I) (8 x 13.4 mm).

Features
• 32,768 words by 8 bits organization
• Fast access time: 70, 85, 100, 120, 150 ns (MAX.)
• Operating ambient temperature: TA = –25 to +85 °C
• Low voltage operation (A version: VCC = 3.0 to 5.5 V, B version: VCC = 2.7 to 5.5 V)
• Low VCC data retention: 2.0 V (MIN.)
• /OE input for easy application




Similar Part No. - UPD43256B-X

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256B-X NEC-UPD43256B-X Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Renesas Technology Corp
UPD43256B-X RENESAS-UPD43256B-X Datasheet
659Kb / 22P
   MOS INTEGRATED CIRCUIT
1995
logo
NEC
UPD43256B-XXL NEC-UPD43256B-XXL Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Renesas Technology Corp
UPD43256B-XXL RENESAS-UPD43256B-XXL Datasheet
794Kb / 26P
   MOS INTEGRATED CIRCUIT
2009
logo
NEC
UPD43256B-XXLL NEC-UPD43256B-XXLL Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results


Similar Description - UPD43256B-X

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B Datasheet
174Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com