Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72852A Datasheet (PDF) - NEC

UPD72852A Datasheet PDF - NEC
Part # UPD72852A
Download  UPD72852A Download

File Size   373.15 Kbytes
Page   48 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description IEEE1394a-2000 COMPLIANT 400 Mbps TWO-PORT PHY LSI

UPD72852A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD72852A Datasheet PDF - NEC

Part # UPD72852A
Download  UPD72852A Click to download

File Size   373.15 Kbytes
Page   48 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description IEEE1394a-2000 COMPLIANT 400 Mbps TWO-PORT PHY LSI

UPD72852A Datasheet (HTML) - NEC

Back Button UPD72852A Datasheet HTML 1Page - NEC UPD72852A Datasheet HTML 2Page - NEC UPD72852A Datasheet HTML 3Page - NEC UPD72852A Datasheet HTML 4Page - NEC UPD72852A Datasheet HTML 5Page - NEC UPD72852A Datasheet HTML 6Page - NEC UPD72852A Datasheet HTML 7Page - NEC UPD72852A Datasheet HTML 8Page - NEC UPD72852A Datasheet HTML 9Page - NEC UPD72852A Datasheet HTML 10Page - NEC Next Button 

UPD72852A Product details

IEEE1394a-2000 COMPLIANT 400 Mbps TWO-PORT PHY LSI

The µPD72852A is a two-port physical layer LSI that complies with the IEEE1394a-2000 specifications.

FEATURES
• The two-port physical layer LSI complies with IEEE1394a-2000
• Fully interoperable with IEEE1394 std 1394 Link (FireWireTM, i.LINKTM)
• Meets IntelTM Mobile Power Guideline 2000
• Full IEEE1394a-2000 support includes: Suspend/Resume, connection debounce, arbitrated short bus reset, multi-speed concatenation, arbitration acceleration, fly-by concatenation
• Suspend Debounce timer for ESD
• “BIAS Detected” signal output
• Double speed signal filter for BIAS Ringing
• Small package: 64-pin plastic LQFP
• Super low power : 68 mA (Operating mode)
                              : 115 µA (Suspend mode)
• Data rate: 400/200/100 Mbps
• Supports PHY pinging and remote PHY access packets
• 3.3 V single power supply (if power not supplied via node: 3.0 V single power supply)
• 24.576 MHz crystal clock generation, 393.216 MHz PLL multiplying frequency
• 64-bit flexible register incorporated in PHY register
• Electrically isolated Link interface
• Supports LPS/Link-on as part of PHY/Link interface
• External filter capacitors for PLL not required
• Extended Resume signaling for compatibility with legacy DV devices
• System power management by signaling of node power class information
• Cable power monitor (CPS) is equipped




Similar Part No. - UPD72852A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD72852A RENESAS-UPD72852A Datasheet
486Kb / 50P
   MOS INTEGRATED CIRCUIT
2003
UPD72852AGB-8EU RENESAS-UPD72852AGB-8EU Datasheet
486Kb / 50P
   MOS INTEGRATED CIRCUIT
2003
More results


Similar Description - UPD72852A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI4520 TI1-PCI4520_09 Datasheet
226Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
PCI4510 TI-PCI4510 Datasheet
1Mb / 220P
[Old version datasheet]   PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PCI4510A TI-PCI4510A Datasheet
219Kb / 7P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510RGVF TI1-PCI4510RGVF Datasheet
67Kb / 5P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
logo
Intel Corporation
LXT972M INTEL-LXT972M Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
logo
Texas Instruments
PCI7610 TI-PCI7610 Datasheet
1Mb / 240P
[Old version datasheet]   PC Card, UltraMedia, and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI7410 TI-PCI7410 Datasheet
41Kb / 4P
[Old version datasheet]   PC Card, UltraMedia and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Agere Systems
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com