Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E154FN Datasheet (PDF) - ON Semiconductor

MC100E154FN Datasheet PDF - ON Semiconductor
Part # MC100E154FN
Download  MC100E154FN Download

File Size   107.22 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5-BIT 2:1 MUX-LATCH

MC100E154FN Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100E154FN Datasheet PDF - ON Semiconductor

Part # MC100E154FN
Download  MC100E154FN Click to download

File Size   107.22 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5-BIT 2:1 MUX-LATCH

MC100E154FN Datasheet (HTML) - ON Semiconductor

MC100E154FN Datasheet HTML 1Page - ON Semiconductor MC100E154FN Datasheet HTML 2Page - ON Semiconductor MC100E154FN Datasheet HTML 3Page - ON Semiconductor MC100E154FN Datasheet HTML 4Page - ON Semiconductor

MC100E154FN Product details

Description
The MC10E/100E154 contains five 2:1 multiplexers followed by transparent latches with differential outputs. When both Latch Enables (LEN1, LEN2) are LOW, the latch is transparent, and output data is controlled by the multiplexer select control, SEL. A logic HIGH on either LEN1 or LEN2 (or both) latches the outputs. The Master Reset (MR) overrides all other controls to set the Q outputs LOW.
The 100 Series contains temperature compensation.

Features
• 850 ps Maximum LEN to Output
• 825 ps Maximum D to Output
• Differential Outputs
• Asynchronous Master Reset
• Dual Latch-Enables
• PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V to −5.7 V
• Internal Input 50 kΩ Pulldown Resistors
• ESD Protection: Human Body Model; > 2 kV, Machine Model; > 200 V
• Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level:
                      Pb = 1
                      Pb−Free = 3
    For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−0 @ 0.125 in, Oxygen Index: 28 to 34
• Transistor Count = 237 Devices
• Pb−Free Packages are Available*




Similar Part No. - MC100E154FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E154FN ONSEMI-MC100E154FN Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC100E154FNR2 ONSEMI-MC100E154FNR2 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
More results


Similar Description - MC100E154FN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E154 MICREL-SY10E154 Datasheet
61Kb / 4P
   5-BIT 2:1 MUX-LATCH
SY10E154 MICREL-SY10E154_06 Datasheet
63Kb / 4P
   5-BIT 2:1 MUX-LATCH
logo
ON Semiconductor
MC10E154 ONSEMI-MC10E154_06 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E155 ONSEMI-MC10E155 Datasheet
105Kb / 4P
   6-BIT 2:1 MUX-LATCH
1996 REV 3
logo
Micrel Semiconductor
SY10E155 MICREL-SY10E155 Datasheet
60Kb / 4P
   6-BIT 2:1 MUX-LATCH
SY10E155 MICREL-SY10E155_06 Datasheet
66Kb / 4P
   6-BIT 2:1 MUX-LATCH
SY10E256 MICREL-SY10E256 Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
SY10E156 MICREL-SY10E156 Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
logo
ON Semiconductor
MC10E156 ONSEMI-MC10E156 Datasheet
106Kb / 4P
   3-BIT 4:1 MUX-LATCH
1996 REV 3
logo
Micrel Semiconductor
SY10E256 MICREL-SY10E256_06 Datasheet
63Kb / 4P
   3-BIT 4:1 MUX-LATCH
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com