Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
173D106X9050Y
(1)
173D106X9050Y - Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case - Vishay Siliconix
Click Here View
173D106X9050Y
Datasheet
Part No.
173D106X9050Y
Description
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Download
173D106X9050Y
Click here
to View
File Size
81.65 Kbytes / 6 Pages
Maker
VISAY [Vishay Siliconix]
Homepage
http://www.vishay.com
Related Electronics Part Number
Part Number
Components Description
Manufacturer
550D
Solid-Electrolyte
TANTALEX
Capacitors
for
High
Frequency
Power
Supplies
Vishay Siliconix
150D
Solid-Electrolyte
TANTALEX
Capacitors
Hermetically-Sealed
Axial-Lead
Vishay Siliconix
769D
Wet
Tantalum
Capacitors
with
Epoxy
End-Fill
Sintered
Anode
TANTALEX
Capacitors
CECC
30202-013
Approved
Vishay Siliconix
200D
Wet
Tantalum
Capacitors
Wet
Sintered
Anode
TANTALEX
TANTAPAK
Capacitor
Assemblies
Vishay Siliconix
138D
Wet
Tantalum
Capacitors
Sintered
Anode
TANTALEX
Capacitors
Hermetically-Sealed
with
True
Glass-to-Tantalum
Seal
Vishay Siliconix
M39003
Solid-Electrolyte
TANTALEX˘ç
Capacitors
Military
MIL-C-39003
Qualified
Syles
CSR13
21
23
33
Vaishali Semiconductor
LT1130A
Advanced
Low
Power
5V
RS232
Drivers/Receivers
with
Small
Capacitors
Linear Technology
SP200
+5V
High-Speed
RS-232
Transceivers
with
0.1uF
Capacitors
Sipex Corporation
151RLH
Aluminum
Capacitors
Radial
Long-Life
High
Voltage
Vishay Siliconix
103P
Paper
Capacitors
Metal
Case
Film/Foil
10
Ampere
Thru-Pass
Subminiature
Vishay Siliconix
Link URL :
Related keyword
173D106X9050Y Datasheet
173D106X9050Y Cross Reference
173D106X9050Y Schematic
173D106X9050Y Distributor
173D106X9050Y Datenblatt
173D106X9050Y RoHS
173D106X9050Y Equivalent
173D106X9050Y Application Notes
173D106X9050Y Data Sheet
173D106X9050Y components
173D106X9050Y Fiche Technique
173D106X9050Y Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer