Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E1652 Datasheet (PDF) - ON Semiconductor

MC10E1652 Datasheet PDF - ON Semiconductor
Part # MC10E1652
Download  MC10E1652 Download

File Size   140.26 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DUAL ECL OUTPUT COMPARATOR WITH LATCH

MC10E1652 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10E1652 Datasheet PDF - ON Semiconductor

Part # MC10E1652
Download  MC10E1652 Click to download

File Size   140.26 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DUAL ECL OUTPUT COMPARATOR WITH LATCH

MC10E1652 Datasheet (HTML) - ON Semiconductor

MC10E1652 Datasheet HTML 1Page - ON Semiconductor MC10E1652 Datasheet HTML 2Page - ON Semiconductor MC10E1652 Datasheet HTML 3Page - ON Semiconductor MC10E1652 Datasheet HTML 4Page - ON Semiconductor MC10E1652 Datasheet HTML 5Page - ON Semiconductor MC10E1652 Datasheet HTML 6Page - ON Semiconductor MC10E1652 Datasheet HTML 7Page - ON Semiconductor

MC10E1652 Product details

The MC10E1652 is fabricated using ON Semiconductor’s advanced MOSAIC III process and is output compatible with 10H logic devices. In addition, the device is available in both a 16-pin DIP and a 20-pin surface mount package. However, the MC10E1652 provides user programmable hysteresis.

Features
• Typical 3.0 dB Bandwidth > 1.0 GHz
• Typical V to Q Propagation Delay of 775 ps
• Typical Output Rise/Fall of 350 ps
• Common Mode Range −2.0 V to +3.0 V
• Individual Latch Enables
• Differential Outputs
• Operating Mode: VCC = 5.0 V, VEE = −5.2 V, GND = 0 V
• Programmable Input Hysteresis
• No Internal Input Pulldown Resistors
• ESD Protection: Human Body Model; > 2 kV, Machine Model; > 100 V
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level 1 For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL 94 V−O @ 0.125 in, Oxygen Index: 28 to 34
• Transistor Count = 85 devices
• Pb−Free Packages are Available*




Similar Part No. - MC10E1652

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1652FN ONSEMI-MC10E1652FN Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1652FNG ONSEMI-MC10E1652FNG Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1652FNG ONSEMI-MC10E1652FNG Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652FNR2 ONSEMI-MC10E1652FNR2 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
More results


Similar Description - MC10E1652

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691 MAXIM-MAX9691_12 Datasheet
325Kb / 12P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 2; 1/12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com