Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-7832 Datasheet (PDF) - California Eastern Labs

MC-7832 Datasheet PDF - California Eastern Labs
Part # MC-7832
Download  MC-7832 Download

File Size   209.84 Kbytes
Page   3 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER

MC-7832 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-7832 Datasheet PDF - California Eastern Labs

Part # MC-7832
Download  MC-7832 Click to download

File Size   209.84 Kbytes
Page   3 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER

MC-7832 Datasheet (HTML) - California Eastern Labs

MC-7832 Datasheet HTML 1Page - California Eastern Labs MC-7832 Datasheet HTML 2Page - California Eastern Labs MC-7832 Datasheet HTML 3Page - California Eastern Labs

MC-7832 Product details

DESCRIPTION
NECs MC-7831, MC-7832, and MC-7833 are GaAs MultiChip Modules designed for use as input stages in CATV applications up to 870 MHz. The only difference between these devices is gain, which is 18 dB, 22 dB, and 25 dB respectively. Because these units are GaAs devices they have low distortion, low noise figure, and low return loss across the entire frequency band.

FEATURES
• GaAs ACTIVE DEVICES
• LOW DISTORTION
• HIGH LINEAR GAIN:
    MC-7831 - GL = 18 dB MIN at f = 870 MHz
    MC-7832 - GL = 22 dB MIN at f = 870 MHz
    MC-7833 - GL = 25 dB MIN at f = 870 MHz
• LOW RETURN LOSS
• LOW GAIN CHANGE OVER TEMPERATURE
• SPECIFIED FOR 79, 110, and 132 CHANNELS PERFORMANCE
• HIGH RELIABILITY AND RUGGEDNESS:
    Withstands environmental extremes as well as Silicon devices (Surge, ESD, Etc.)

APPLICATIONS
• CATV HEADEND SYSTEMS
• CATV OPTICAL NODES
• CATV DISTRIBUTION AMPS




Similar Part No. - MC-7832

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7832 CEL-MC-7832 Datasheet
280Kb / 7P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
Renesas Technology Corp
MC-7832 RENESAS-MC-7832 Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2001
logo
California Eastern Labs
MC-7832-AZ CEL-MC-7832-AZ Datasheet
280Kb / 7P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
Renesas Technology Corp
MC-7832-AZ RENESAS-MC-7832-AZ Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2001
logo
NEC
MC-7832-HA NEC-MC-7832-HA Datasheet
65Kb / 6P
   GaAs MULTI-CHIP MODULE
More results


Similar Description - MC-7832

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
NEC
MC-7834-KC NEC-MC-7834-KC Datasheet
86Kb / 2P
   870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC7884 CEL-MC7884 Datasheet
82Kb / 2P
   NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
logo
NEC
MC-7845 NEC-MC-7845 Datasheet
108Kb / 2P
   NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
logo
California Eastern Labs
MC-7832 CEL-MC-7832_1 Datasheet
280Kb / 7P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7833 CEL-MC-7833_06 Datasheet
281Kb / 7P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7833_2015 JMNIC-MC-7833_2015 Datasheet
61Kb / 6P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2402E ANADIGICS-ACA2402E_12 Datasheet
357Kb / 10P
   750/870 MHz CATV Push-Pull Line Amplifier
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com