Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E337 Datasheet (PDF) - ON Semiconductor

MC100E337 Datasheet PDF - ON Semiconductor
Part # MC100E337
Download  MC100E337 Download

File Size   116.81 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER

MC100E337 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100E337 Datasheet PDF - ON Semiconductor

Part # MC100E337
Download  MC100E337 Click to download

File Size   116.81 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER

MC100E337 Datasheet (HTML) - ON Semiconductor

MC100E337 Datasheet HTML 1Page - ON Semiconductor MC100E337 Datasheet HTML 2Page - ON Semiconductor MC100E337 Datasheet HTML 3Page - ON Semiconductor MC100E337 Datasheet HTML 4Page - ON Semiconductor MC100E337 Datasheet HTML 5Page - ON Semiconductor

MC100E337 Product details

The MC10E/100E337 is a 3-bit registered bus transceiver with scan. The bus outputs (BUS0–BUS2) are specified for driving a 25 Ω bus; the receive outputs (Q0 – Q2) are specified for 50 Ω. The bus outputs feature a normal HIGH level (VOH) and a cutoff LOW level — when LOW, the outputs go to – 2.0 V and the output emitter-follower is “off”, presenting a high impedance to the bus. The bus outputs also feature edge slow-down capacitors.

The 100 Series contains temperature compensation.
• Scannable Version of E336
• 25 Ω Cutoff Bus Outputs
• 50 Ω Receiver Outputs
• Scannable Registers
• Sync. and Async. Bus Enables
• Non-inverting Data Path
• 1500 ps Max. Clock to Bus (Data Transmit)
• 1000 ps Max. Clock to Q (Data Receive)
• Bus Outputs Feature Internal Edge Slow-Down Capacitors
• Additional Package Ground Pins
• PECL Mode Operating Range: VCC= 4.2 V to 5.7 V with VEE= 0 V
• NECL Mode Operating Range: VCC= 0 V with VEE= –4.2 V to –5.7 V
• Internal Input Pulldown Resistors
• ESD Protection: > 1 KV HBM, > 75 V MM
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level 1 For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL–94 code V–0 @ 1/8”, Oxygen Index 28 to 34
• Transistor Count = 471 devices




Similar Part No. - MC100E337

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E336 ONSEMI-MC100E336 Datasheet
113Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
1996 REV 2
More results


Similar Description - MC100E337

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337_06 Datasheet
67Kb / 5P
   3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
SY10E336 MICREL-SY10E336 Datasheet
64Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
logo
ON Semiconductor
MC10E336 ONSEMI-MC10E336 Datasheet
113Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Micrel Semiconductor
SY10E336 MICREL-SY10E336_06 Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
logo
ON Semiconductor
MC10E212 ONSEMI-MC10E212 Datasheet
111Kb / 4P
   3-BIT SCANNABLE REGISTERED ADDRESS DRIVER
1996 REV 2
MC10E212 ONSEMI-MC10E212_06 Datasheet
183Kb / 7P
   5V ECL 3-Bit Scannable Registered Address Driver
June, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337 Datasheet
64Kb / 4P
   3-BIT SCANNABLE
logo
Texas Instruments
SN74ALVCH162525 TI-SN74ALVCH162525 Datasheet
167Kb / 11P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162525 TI1-SN74ALVCH162525_09 Datasheet
353Kb / 16P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com