Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN2010G Datasheet (PDF) - Zetex Semiconductors

ZXTN2010G Datasheet PDF - Zetex Semiconductors
Part # ZXTN2010G
Download  ZXTN2010G Download

File Size   122.74 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223

ZXTN2010G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN2010G Datasheet PDF - Zetex Semiconductors

Part # ZXTN2010G
Download  ZXTN2010G Click to download

File Size   122.74 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223

ZXTN2010G Datasheet (HTML) - Zetex Semiconductors

ZXTN2010G Datasheet HTML 1Page - Zetex Semiconductors ZXTN2010G Datasheet HTML 2Page - Zetex Semiconductors ZXTN2010G Datasheet HTML 3Page - Zetex Semiconductors ZXTN2010G Datasheet HTML 4Page - Zetex Semiconductors ZXTN2010G Datasheet HTML 5Page - Zetex Semiconductors ZXTN2010G Datasheet HTML 6Page - Zetex Semiconductors

ZXTN2010G Product details

DESCRIPTION
Packaged in the SOT223 outline this new low saturation 60V NPN transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

FEATURES
• Extremely low equivalent on-resistance; RSAT = 35mV at 6A
• 6 amps continuous current
• Up to 20 amps peak current
• Very low saturation voltages
• Excellent hFE characteristics up to 10 amps

APPLICATIONS
• Emergency lighting circuits
• Motor driving (including DC fans)
• Solenoid, relay and actuator drivers
• DC Modules
• Backlight Inverters




Similar Part No. - ZXTN2010G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN2010G DIODES-ZXTN2010G Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010GTA DIODES-ZXTN2010GTA Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010GTA DIODES-ZXTN2010GTA Datasheet
489Kb / 7P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN2010GTC DIODES-ZXTN2010GTC Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Similar Description - ZXTN2010G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G DIODES-ZXTN2010G Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851G DIODES-ZX5T851G_15 Datasheet
491Kb / 7P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851G DIODES-ZX5T851G Datasheet
132Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T951G DIODES-ZX5T951G Datasheet
133Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G DIODES-ZXTP2012G Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com