Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ELT24 Datasheet (PDF) - ON Semiconductor

MC100ELT24 Datasheet PDF - ON Semiconductor
Part # MC100ELT24
Download  MC100ELT24 Download

File Size   65.9 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5V TTL to Differential ECL Translator

MC100ELT24 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100ELT24 Datasheet PDF - ON Semiconductor

Part # MC100ELT24
Download  MC100ELT24 Click to download

File Size   65.9 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5V TTL to Differential ECL Translator

MC100ELT24 Datasheet (HTML) - ON Semiconductor

MC100ELT24 Datasheet HTML 1Page - ON Semiconductor MC100ELT24 Datasheet HTML 2Page - ON Semiconductor MC100ELT24 Datasheet HTML 3Page - ON Semiconductor MC100ELT24 Datasheet HTML 4Page - ON Semiconductor MC100ELT24 Datasheet HTML 5Page - ON Semiconductor MC100ELT24 Datasheet HTML 6Page - ON Semiconductor MC100ELT24 Datasheet HTML 7Page - ON Semiconductor MC100ELT24 Datasheet HTML 8Page - ON Semiconductor

MC100ELT24 Product details

Description
The MC10ELT/100ELT24 is a TTL to differential ECL translator.
Because ECL levels are used a +5 V, −5.2 V (or −4.5 V) and ground are required. The small outline 8−lead package and the single gate of the ELT24 makes it ideal for those applications where space, performance and low power are at a premium.
The 100 Series contains temperature compensation.

Features
• 0.8 ns tPHL, 0.95 ns tPLH Typical Propagation Delay
• PNP TTL Inputs for Minimal Loading
• Flow Through Pinouts
• Operating Range: VCC = 4.5 V to 5.5 V; VEE = −4.2 V to −5.5 V with GND = 0 V
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant



Similar Part No. - MC100ELT24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT24 ONSEMI-MC100ELT24 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC100ELT24D ONSEMI-MC100ELT24D Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC100ELT24DG ONSEMI-MC100ELT24DG Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC100ELT24DG ONSEMI-MC100ELT24DG Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
MC100ELT24DR2 ONSEMI-MC100ELT24DR2 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
More results


Similar Description - MC100ELT24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_15 Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT20 ONSEMI-MC10ELT20_15 Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com