Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP01 Datasheet (PDF) - ON Semiconductor

MC10EP01 Datasheet PDF - ON Semiconductor
Part # MC10EP01
Download  MC10EP01 Download

File Size   83.6 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V / 5V ECL 4-Input OR/NOR

MC10EP01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10EP01 Datasheet PDF - ON Semiconductor

Part # MC10EP01
Download  MC10EP01 Click to download

File Size   83.6 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V / 5V ECL 4-Input OR/NOR

MC10EP01 Datasheet (HTML) - ON Semiconductor

MC10EP01 Datasheet HTML 1Page - ON Semiconductor MC10EP01 Datasheet HTML 2Page - ON Semiconductor MC10EP01 Datasheet HTML 3Page - ON Semiconductor MC10EP01 Datasheet HTML 4Page - ON Semiconductor MC10EP01 Datasheet HTML 5Page - ON Semiconductor MC10EP01 Datasheet HTML 6Page - ON Semiconductor MC10EP01 Datasheet HTML 7Page - ON Semiconductor MC10EP01 Datasheet HTML 8Page - ON Semiconductor MC10EP01 Datasheet HTML 9Page - ON Semiconductor MC10EP01 Datasheet HTML 10Page - ON Semiconductor

MC10EP01 Product details

The MC10EP01 is a 4−input OR/NOR gate. The device is functionally equivalent to the EL01 device, LVEL01, and E101 (a quad version). With AC performance much faster than the LVEL01 device, the EP01 is ideal for applications requiring the fastest AC performance available.

The 100 Series contains temperature compensation.
• 230 ps Typical Propagation Delay
• Maximum Frequency > 3 GHz Typical
• PECL Mode Operating Range: VCC = 3.0 V to 5.5 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −5.5 V
• Open Input Default State
• Pb−Free Package is Available




Similar Part No. - MC10EP01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01 Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
MC10EP01 ONSEMI-MC10EP01 Datasheet
179Kb / 10P
   V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016 ONSEMI-MC10EP016 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
More results


Similar Description - MC10EP01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL01 ONSEMI-MC10EL01_06 Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
MC10EP01 ONSEMI-MC10EP01_06 Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V_06 Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01V MICREL-SY10EP01V Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
logo
ON Semiconductor
MC10EP101 ONSEMI-MC10EP101_06 Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC100LVEL01 ONSEMI-MC100LVEL01_06 Datasheet
134Kb / 7P
   3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
logo
Arizona Microtek, Inc
AZ10EL01 AZM-AZ10EL01 Datasheet
73Kb / 6P
   ECL/PECL 4-Input OR/NOR
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01_16 Datasheet
179Kb / 10P
   V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
MC100LVEL01 ONSEMI-MC100LVEL01_16 Datasheet
155Kb / 6P
   3.3 V ECL 4-Input OR/NOR
July, 2016 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com