Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP16DR2 Datasheet (PDF) - ON Semiconductor

MC10EP16DR2 Datasheet PDF - ON Semiconductor
Part # MC10EP16DR2
Download  MC10EP16DR2 Download

File Size   87.43 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Differential Receiver

MC10EP16DR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10EP16DR2 Datasheet PDF - ON Semiconductor

Part # MC10EP16DR2
Download  MC10EP16DR2 Click to download

File Size   87.43 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Differential Receiver

MC10EP16DR2 Datasheet (HTML) - ON Semiconductor

MC10EP16DR2 Datasheet HTML 1Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 2Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 3Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 4Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 5Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 6Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 7Page - ON Semiconductor MC10EP16DR2 Datasheet HTML 8Page - ON Semiconductor

MC10EP16DR2 Product details

Description

The EP16 is a world−class differential receiver/driver. The device is functionally equivalent to the EL16 and LVEL16 devices with higher performance capabilities. With output transition times significantly faster than the EL16 and LVEL16, the EP16 is ideally suited for interfacing with high frequency sources. The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01 F capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open. Under open input conditions (pulled to VEE) internal input clamps will force the Q output LOW. The 100 Series contains temperature compensation.



Features

• 220 ps Typical Propagation Delay

• Maximum Frequency > 4 GHz Typical

• PECL Mode Operating Range: VCC = 3.0 V to 5.5 V with VEE = 0 V

• NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −5.5 V

• Open Input Default State

• Safety Clamp on Inputs

• Q Output Will Default LOW with Inputs Open or at VEE

• VBB Output

• Pb−Free Packages are Available




Similar Part No. - MC10EP16DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP16DR2 ONSEMI-MC10EP16DR2 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP16DR2G ONSEMI-MC10EP16DR2G Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP16DR2G ONSEMI-MC10EP16DR2G Datasheet
194Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 7
More results


Similar Description - MC10EP16DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16 Datasheet
58Kb / 3P
   Differential Receiver
1996 REV 0
MC10EL16 ONSEMI-MC10EL16 Datasheet
69Kb / 8P
   Differential Receiver
November, 2003 ??Rev. 5
logo
SEMTECH ELECTRONICS LTD...
100EL16TA-TD SEMTECH_ELEC-100EL16TA-TD Datasheet
202Kb / 10P
   Differential Receiver
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
   Differential Line Receiver
logo
Arizona Microtek, Inc
AZ100EP16 AZM-AZ100EP16_12 Datasheet
421Kb / 7P
   LVPECL Differential Receiver
logo
Micrel Semiconductor
SY10EL16VA MICREL-SY10EL16VA Datasheet
158Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
   Differential line receiver.
logo
Intersil Corporation
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
EL2142 INTERSIL-EL2142 Datasheet
274Kb / 6P
   Differential Line Receiver
logo
Micrel Semiconductor
SY10EL16VA-VF MICREL-SY10EL16VA-VF Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com