Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H105 Datasheet (PDF) - ON Semiconductor

MC10H105 Datasheet PDF - ON Semiconductor
Part # MC10H105
Download  MC10H105 Download

File Size   94.81 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Triple 2-3-2-Input OR/NOR Gate

MC10H105 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10H105 Datasheet PDF - ON Semiconductor

Part # MC10H105
Download  MC10H105 Click to download

File Size   94.81 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Triple 2-3-2-Input OR/NOR Gate

MC10H105 Datasheet (HTML) - ON Semiconductor

MC10H105 Datasheet HTML 1Page - ON Semiconductor MC10H105 Datasheet HTML 2Page - ON Semiconductor MC10H105 Datasheet HTML 3Page - ON Semiconductor

MC10H105 Product details

Description
The MC10H105 is a triple 2−3−2−input OR/NOR gate. This MECL 10H™ part is a functional/pinout duplication of the standard MECL 10K™ family part, with 100% improvement in propagation delay, and no increases in power−supply current.

Features
• Propagation Delay, 1.0 ns Typical
• Power Dissipation 25 mW/Gate (same as MECL 10K)
• Improved Noise Margin 150 mV (Over Operating Voltage and Temperature Range)
• Voltage Compensated
• MECL 10K Compatible
• Pb−Free Packages are Available*




Similar Part No. - MC10H105

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H105 ONSEMI-MC10H105 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H105 ONSEMI-MC10H105 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
MC10H105FN ONSEMI-MC10H105FN Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H105FNG ONSEMI-MC10H105FNG Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H105FNG ONSEMI-MC10H105FNG Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
More results


Similar Description - MC10H105

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10105 ONSEMI-MC10105_02 Datasheet
107Kb / 8P
   Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
MC10105 ONSEMI-MC10105 Datasheet
100Kb / 5P
   Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10107 ONSEMI-MC10107_02 Datasheet
108Kb / 8P
   Triple 2-Input Exclusive OR/ Exclusive NOR Gate
January, 2002 ??Rev. 7
MC10H105 ONSEMI-MC10H105_16 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC1674 MOTOROLA-MC1674 Datasheet
505Kb / 7P
   TRIPLE 2-INPUT EXCLUSIVE-NOR GATE
logo
Micrel Semiconductor
SY100S302 MICREL-SY100S302_07 Datasheet
79Kb / 4P
   QUINT 2-INPUT OR/NOR GATE
logo
National Semiconductor ...
F100102 NSC-F100102 Datasheet
95Kb / 3P
   QUINT 2-INPUT OR-NOR GATE
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com