Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H166 Datasheet (PDF) - ON Semiconductor

MC10H166 Datasheet PDF - ON Semiconductor
Part # MC10H166
Download  MC10H166 Download

File Size   114.84 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5-Bit Magnitude Comparator

MC10H166 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10H166 Datasheet PDF - ON Semiconductor

Part # MC10H166
Download  MC10H166 Click to download

File Size   114.84 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5-Bit Magnitude Comparator

MC10H166 Datasheet (HTML) - ON Semiconductor

MC10H166 Datasheet HTML 1Page - ON Semiconductor MC10H166 Datasheet HTML 2Page - ON Semiconductor MC10H166 Datasheet HTML 3Page - ON Semiconductor MC10H166 Datasheet HTML 4Page - ON Semiconductor MC10H166 Datasheet HTML 5Page - ON Semiconductor

MC10H166 Product details

Description
The MC10H166 is a 5−Bit Magnitude Comparator and is a functional/pinout duplication of the standard MECL 10K™ part with 100% improvement in propagation delay and no increase in power−supply current.
The MC10H166 is a high−speed expandable 5−bit comparator for comparing the magnitude of two binary words. Two outputs are provided: A < B and A > B. The A = B function can be obtained by wire−ORing these outputs (a low level indicates A = B) or by wire−NORing the outputs (a high level indicates A = B). A high level on the enable function forces both outputs low.

Features
• Propagation Delay, Data−to−Output, 2.0 ns Typical
• Power Dissipation 440 mW Typical
• Improved Noise Margin 150 mV (Over Operating Voltage and Temperature Range)
• Voltage Compensated
• MECL 10K Compatible
• Pb−Free Packages are Available*




Similar Part No. - MC10H166

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166 Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
MC10H166FN ONSEMI-MC10H166FN Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
MC10H166FNG ONSEMI-MC10H166FNG Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
MC10H166FNR2 ONSEMI-MC10H166FNR2 Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
MC10H166FNR2G ONSEMI-MC10H166FNR2G Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
More results


Similar Description - MC10H166

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
Micrel Semiconductor
SY10E166 MICREL-SY10E166 Datasheet
56Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
   8-bit magnitude comparator
Rev. 4 - 16 July 2021
logo
Hitachi Semiconductor
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
   8-bit Magnitude Comparator
logo
STMicroelectronics
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
   4-bit Magnitude Comparator
HD74HC688 RENESAS-HD74HC688 Datasheet
111Kb / 8P
   8-bit Magnitude Comparator
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
   4-bit magnitude comparator
December 1990
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com