Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS2516APTA-TI-E Datasheet (PDF) - Elpida Memory

EDS2516APTA-TI-E Datasheet PDF - Elpida Memory
Part # EDS2516APTA-TI-E
Download  EDS2516APTA-TI-E Download

File Size   720.99 Kbytes
Page   52 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 256M bits SDRAM WTR (Wide Temperature Range)

EDS2516APTA-TI-E Datasheet (PDF)

Go To PDF Page Download Datasheet
EDS2516APTA-TI-E Datasheet PDF - Elpida Memory

Part # EDS2516APTA-TI-E
Download  EDS2516APTA-TI-E Click to download

File Size   720.99 Kbytes
Page   52 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 256M bits SDRAM WTR (Wide Temperature Range)

EDS2516APTA-TI-E Datasheet (HTML) - Elpida Memory

Back Button EDS2516APTA-TI-E Datasheet HTML 1Page - Elpida Memory EDS2516APTA-TI-E Datasheet HTML 2Page - Elpida Memory EDS2516APTA-TI-E Datasheet HTML 3Page - Elpida Memory EDS2516APTA-TI-E Datasheet HTML 4Page - Elpida Memory EDS2516APTA-TI-E Datasheet HTML 5Page - Elpida Memory EDS2516APTA-TI-E Datasheet HTML 6Page - Elpida Memory EDS2516APTA-TI-E Datasheet HTML 7Page - Elpida Memory EDS2516APTA-TI-E Datasheet HTML 8Page - Elpida Memory EDS2516APTA-TI-E Datasheet HTML 9Page - Elpida Memory EDS2516APTA-TI-E Datasheet HTML 10Page - Elpida Memory Next Button 

EDS2516APTA-TI-E Product details

Description
The EDS2516APTA is a 256M bits SDRAM organized as 4194304 words × 16 bits × 4 banks. All inputs and outputs are referred to the rising edge of the clock input. It is packaged in 54-pin plastic TSOP (II).

Features
• 3.3V power supply
• Clock frequency: 133MHz (max.)
• LVTTL interface
• Single pulsed /RAS
• ×16 organization
• 4 banks can operate simultaneously and independently
• Burst read/write operation and burst read/single write operation capability
• Programmable burst length (BL): 1, 2, 4, 8, full page
• 2 variations of burst sequence
 - Sequential (BL = 1, 2, 4, 8)
 - Interleave (BL = 1, 2, 4, 8)
• Programmable /CAS latency (CL): 2, 3
• Byte control by UDQM and LDQM
• Refresh cycles: 8192 refresh cycles/64ms
• 2 variations of refresh
 - Auto refresh
 - Self refresh
• TSOP (II) package with lead free solder (Sn-Bi)
• Wide temperature range
 - Ambient temperature range: –40 to +85°C




Similar Part No. - EDS2516APTA-TI-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2516APTA-TI ELPIDA-EDS2516APTA-TI Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
More results


Similar Description - EDS2516APTA-TI-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-75TT ELPIDA-EDS2532EEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516EEBH-TT ELPIDA-EDS2516EEBH-TT Datasheet
676Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2504APTA ELPIDA-EDS2504APTA Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532JEBH-75TT ELPIDA-EDS2532JEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EGBH-TT ELPIDA-EDS2532EGBH-TT Datasheet
744Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-TI ELPIDA-EDD2516AKTA-TI Datasheet
502Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDS6432AFTA-TI ELPIDA-EDS6432AFTA-TI Datasheet
707Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com