Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3038 Datasheet (PDF) - List of Unclassifed Manufacturers

SI3038 Datasheet PDF - List of Unclassifed Manufacturers
Part # SI3038
Download  SI3038 Download

File Size   1740.2 Kbytes
Page   64 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description GLOBAL MC 97 SILICON DAA

SI3038 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3038 Datasheet PDF - List of Unclassifed Manufacturers

Part # SI3038
Download  SI3038 Click to download

File Size   1740.2 Kbytes
Page   64 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description GLOBAL MC 97 SILICON DAA

SI3038 Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button SI3038 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3038 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3038 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3038 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3038 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3038 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3038 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3038 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3038 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3038 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

SI3038 Product details

[SILICON LABORATORIES]



Description

The Si3035 is an integrated direct access arrangement (DAA) chipset that provides a digital, low-cost, solid-state interface to a telephone line. Available in two 16-pin small outline packages, it eliminates the need for an analog front end (AFE), an isolation transformer, relays, opto-isolators, and a 2- to 4-wire hybrid. The Si3035 dramatically reduces the number of discrete components and cost required to achieve compliance with FCC Part 68. The Si3035 interfaces directly to standard modem DSPs and supports all FCC and JATE out-of-band noise requirements. International support is provided by the pin compatible Si3034.



Features

Complete DAA includes the following:

■ 3.3 V to 5 V Digital/Analog Power Supplies

■ JATE Filter Option

■ 86 dB Dynamic Range TX/RX Paths

■ Daisy-Chaining for Up to Eight Devices

■ Integrated Ring Detector

■ 3000 V Isolation

■ Support for Caller ID

■ Low Profile SOIC Packages

■ Direct Interface to DSPs

■ Integrated Modem Codec

■ Compliant with FCC Part 68

■ Low-Power Standby Mode

■ Proprietary ISOcap™ Technology

■ Pin Compatible with Si3034, Si3032

■ Optional IIR Digital Filter



Applications

■ V.90 Modems

■ Voice Mail Systems

■ Fax Machines

■ Set Top Boxes



 




Similar Part No. - SI3038

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3038 ETC-SI3038 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
More results


Similar Description - SI3038

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI3065 ETC1-SI3065 Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com