Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H211 Datasheet (PDF) - ON Semiconductor

MC10H211 Datasheet PDF - ON Semiconductor
Part # MC10H211
Download  MC10H211 Download

File Size   95.38 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual 3-Input 3-Output NOR Gate

MC10H211 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10H211 Datasheet PDF - ON Semiconductor

Part # MC10H211
Download  MC10H211 Click to download

File Size   95.38 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual 3-Input 3-Output NOR Gate

MC10H211 Datasheet (HTML) - ON Semiconductor

MC10H211 Datasheet HTML 1Page - ON Semiconductor MC10H211 Datasheet HTML 2Page - ON Semiconductor MC10H211 Datasheet HTML 3Page - ON Semiconductor

MC10H211 Product details

Description
The MC10H211 is designed to drive up to six transmission lines simultaneously. The multiple outputs of this device also allow the wire ORing of several levels of gating for minimization of gate and package count.
The ability to control three parallel lines with minimum propagation delay from a single point makes the MC10H211 particularly useful in clock distribution applications where minimum clock skew is desired.

Features
• Propagation Delay, 1.0 ns Typical
• Power Dissipation, 160 mW Typical
• Improved Noise Margin 150 mV (Over Operating Voltage and Temperature Range)
• Voltage Compensated
• MECL 10K™ Compatible
• Pb−Free Packages are Available*




Similar Part No. - MC10H211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H211 ONSEMI-MC10H211 Datasheet
128Kb / 6P
   Dual 3?묲nput 3?뭀utput NOR Gate
November, 2006 ??Rev. 9
MC10H211FN ONSEMI-MC10H211FN Datasheet
128Kb / 6P
   Dual 3?묲nput 3?뭀utput NOR Gate
November, 2006 ??Rev. 9
MC10H211FNG ONSEMI-MC10H211FNG Datasheet
128Kb / 6P
   Dual 3?묲nput 3?뭀utput NOR Gate
November, 2006 ??Rev. 9
MC10H211FNR2 ONSEMI-MC10H211FNR2 Datasheet
128Kb / 6P
   Dual 3?묲nput 3?뭀utput NOR Gate
November, 2006 ??Rev. 9
MC10H211FNR2G ONSEMI-MC10H211FNR2G Datasheet
128Kb / 6P
   Dual 3?묲nput 3?뭀utput NOR Gate
November, 2006 ??Rev. 9
More results


Similar Description - MC10H211

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10211 MOTOROLA-MC10211 Datasheet
106Kb / 5P
   Dual 3-Input/3-Output NOR Gate
MC10212 MOTOROLA-MC10212 Datasheet
74Kb / 5P
   High Speed Dual 3-Input/3-Output OR/NOR Gate
logo
NXP Semiconductors
HEF4000B PHILIPS-HEF4000B Datasheet
77Kb / 5P
   Dual 3-input NOR gate and inverter
January 1995
logo
Motorola, Inc
MC14000UB MOTOROLA-MC14000UB Datasheet
191Kb / 5P
   Dual 3-Input NOR Gate Plus Inverter
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com