Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZY97C10 Datasheet (PDF) - List of Unclassifed Manufacturers

BZY97C10 Datasheet PDF - List of Unclassifed Manufacturers
Part # BZY97C10
Download  BZY97C10 Download

File Size   74.46 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1.5 W Zener Diodes

BZY97C10 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZY97C10 Datasheet PDF - List of Unclassifed Manufacturers

Part # BZY97C10
Download  BZY97C10 Click to download

File Size   74.46 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1.5 W Zener Diodes

BZY97C10 Datasheet (HTML) - List of Unclassifed Manufacturers

BZY97C10 Datasheet HTML 1Page - List of Unclassifed Manufacturers BZY97C10 Datasheet HTML 2Page - List of Unclassifed Manufacturers BZY97C10 Datasheet HTML 3Page - List of Unclassifed Manufacturers BZY97C10 Datasheet HTML 4Page - List of Unclassifed Manufacturers BZY97C10 Datasheet HTML 5Page - List of Unclassifed Manufacturers

BZY97C10 Product details

[FAGOR]



Voltage 10 to 200 V

Power 1.5 W



• Diffused junction

• The plastic material carries

    U/L recognition 94 V-0

• Terminals: Axial Leads

• Polarity: Color band denotes cathode



Mounting instructions

1. Min. distance from body to soldering point, 4 mm.

2. Max. solder temperature, 350 °C.

3. Max. soldering time, 3.5 sec.

4. Do not bend lead at a point closer than

2 mm. to the body.




Similar Part No. - BZY97C10

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BZY97C10 BILIN-BZY97C10 Datasheet
239Kb / 5P
   ZENER DIODES
logo
Shenzhen Taychipst Elec...
BZY97C10 TAYCHIPST-BZY97C10 Datasheet
3Mb / 3P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
BZY97C10 SUNMATE-BZY97C10 Datasheet
141Kb / 2P
   1.5Watts Axial leaded Zener Diodes
BZY97C10 SUNMATE-BZY97C10 Datasheet
601Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
BZY97C10 LUGUANG-BZY97C10 Datasheet
2Mb / 5P
   Zener Diodes
More results


Similar Description - BZY97C10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
logo
Compensated Deuices Inc...
1N6485 CDI-DIODE-1N6485 Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5913A NJSEMI-1N5913A Datasheet
93Kb / 1P
   1.5 WATTS ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
Micro Commercial Compon...
1EZ110D5 MCC-1EZ110D5_16 Datasheet
260Kb / 4P
   1.0 W Silicon Zener Diodes Zener Diodes
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com