Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX6406 Datasheet (PDF) - California Eastern Labs

NX6406 Datasheet PDF - California Eastern Labs
Part # NX6406
Download  NX6406 Download

File Size   379.08 Kbytes
Page   5 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 1490 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS

NX6406 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX6406 Datasheet PDF - California Eastern Labs

Part # NX6406
Download  NX6406 Click to download

File Size   379.08 Kbytes
Page   5 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 1490 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS

NX6406 Datasheet (HTML) - California Eastern Labs

NX6406 Datasheet HTML 1Page - California Eastern Labs NX6406 Datasheet HTML 2Page - California Eastern Labs NX6406 Datasheet HTML 3Page - California Eastern Labs NX6406 Datasheet HTML 4Page - California Eastern Labs NX6406 Datasheet HTML 5Page - California Eastern Labs



Similar Part No. - NX6406

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6406 RENESAS-NX6406 Datasheet
245Kb / 9P
   LASER DIODE
2004
NX6406GH RENESAS-NX6406GH Datasheet
245Kb / 9P
   LASER DIODE
2004
NX6406GK RENESAS-NX6406GK Datasheet
245Kb / 9P
   LASER DIODE
2004
More results


Similar Description - NX6406

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5315 CEL-NX5315 Datasheet
349Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX5313 CEL-NX5313 Datasheet
162Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX5311S CEL-NX5311S Datasheet
161Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
NX5501 CEL-NX5501 Datasheet
452Kb / 7P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5504 CEL-NX5504 Datasheet
309Kb / 6P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX5311 CEL-NX5311 Datasheet
160Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com