Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10SX1125 Datasheet (PDF) - ON Semiconductor

MC10SX1125 Datasheet PDF - ON Semiconductor
Part # MC10SX1125
Download  MC10SX1125 Download

File Size   81.91 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description FIBER OPTIC POST AMPLIFIER

MC10SX1125 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10SX1125 Datasheet PDF - ON Semiconductor

Part # MC10SX1125
Download  MC10SX1125 Click to download

File Size   81.91 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description FIBER OPTIC POST AMPLIFIER

MC10SX1125 Datasheet (HTML) - ON Semiconductor

MC10SX1125 Datasheet HTML 1Page - ON Semiconductor MC10SX1125 Datasheet HTML 2Page - ON Semiconductor MC10SX1125 Datasheet HTML 3Page - ON Semiconductor MC10SX1125 Datasheet HTML 4Page - ON Semiconductor MC10SX1125 Datasheet HTML 5Page - ON Semiconductor

MC10SX1125 Product details

The SX1125 is an integrated limiting amplifier for high frequency fiber optic applications. The device interfaces directly to the trans–impedance amplifier of a typical optical to electrical conversion portion of a fiber optic link. With data rate capabilities in the 622Mb/s range, the high gain limiting amplification of the SX1125 is ideal for high speed fiber optic applications like SONET/SDM, ATM, FDDI, Fibre Channel or Serial Hippi. The device is functionally and pin compatible to the Signetics SA5225 with a significantly higher bandwidth. The CAZP and CAZN inputs to the limiting amplifier provide an auto-zero function to effectively cancel any input offset voltage present in the amplifier.

• Wideband Operation: 20kHz to 550MHz
• Programmable Input Signal Level Detection
• Operation with single +5V or standard ECL supply
• Standard 16-lead SOIC Package
• Fully Differential Design to Minimize Noise Affects
• 10KH Compatible




Similar Part No. - MC10SX1125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
106Kb / 8P
   LED DRIVER
1996 REV 1
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130D ONSEMI-MC10SX1130D Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DG ONSEMI-MC10SX1130DG Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DR2 ONSEMI-MC10SX1130DR2 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
More results


Similar Description - MC10SX1125

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1577Q SONY-CXB1577Q Datasheet
339Kb / 22P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1572Q SONY-CXB1572Q Datasheet
300Kb / 16P
   Post amplifier for Optical Fiber Communication Receiver
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
logo
Carlo Gavazzi Holding A...
FA1 CARLOGAVAZZI-FA1 Datasheet
914Kb / 5P
   Fiber Optic Sensor Amplifier Type FA1
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Emcore Corporation
PONA-3027-SC-01-P-AC EMCORE-PONA-3027-SC-01-P-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Emcore Corporation
MAFA-1014-SC1-00-S-1 EMCORE-MAFA-1014-SC1-00-S-1_13 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com