Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1121 Datasheet (PDF) - ON Semiconductor

MC1121 Datasheet PDF - ON Semiconductor
Part # MC1121
Download  MC1121 Download

File Size   102.55 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 100mA Charge Pump Voltage Converter with Shutdown

MC1121 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC1121 Datasheet PDF - ON Semiconductor

Part # MC1121
Download  MC1121 Click to download

File Size   102.55 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 100mA Charge Pump Voltage Converter with Shutdown

MC1121 Datasheet (HTML) - ON Semiconductor

MC1121 Datasheet HTML 1Page - ON Semiconductor MC1121 Datasheet HTML 2Page - ON Semiconductor MC1121 Datasheet HTML 3Page - ON Semiconductor MC1121 Datasheet HTML 4Page - ON Semiconductor MC1121 Datasheet HTML 5Page - ON Semiconductor MC1121 Datasheet HTML 6Page - ON Semiconductor MC1121 Datasheet HTML 7Page - ON Semiconductor MC1121 Datasheet HTML 8Page - ON Semiconductor

MC1121 Product details

100mA Charge Pump Voltage Converter with Shutdown

The MC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative output voltage. As with all charge pump converters, the MC1121 uses no inductors saving cost, size, and reducing EMI.

Features
• Converts a 2.4V to 5.5V Input Voltage to a Corresponding Negative Output Voltage (Inverter Mode)
• Uses Only 2 Capacitors; No Inductors Required!
• High Output Current: 100mA
• Selectable Oscillator Frequency: 10kHz to 200kHz
• Power–Saving Shutdown Input
• Optional High–Frequency Operation Allows Use of Small Capacitors
• Low Operating Current (FC = GND): 50µA
• Tested Operating Temperature Range: –40°C to +85°C

Typical Applications
• Laptop Computers
• Medical Instruments
• Disk Drives
• µP–Based Controllers
• Process Instrumentation




Similar Part No. - MC1121

ManufacturerPart #DatasheetDescription
logo
Zhengzhou Winsen Electr...
MC112 WINSEN-MC112 Datasheet
505Kb / 7P
   Catalytic Gas Sensor
logo
LANSDALE Semiconductor ...
MC112061P LANSDALE-MC112061P Datasheet
1Mb / 9P
   Crystal Oscillator
MC112061P LANSDALE-MC112061P Datasheet
366Kb / 9P
   Crystal Oscillator
logo
Zhengzhou Winsen Electr...
MC112C WINSEN-MC112C Datasheet
505Kb / 7P
   Catalytic Gas Sensor
MC112D WINSEN-MC112D Datasheet
505Kb / 7P
   Catalytic Gas Sensor
More results


Similar Description - MC1121

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1121 MICROCHIP-TC1121 Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121EOA713 MICROCHIP-TC1121EOA713 Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
TC1121 MICROCHIP-TC1121_06 Datasheet
509Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2006
TC1121 MICROCHIP-TC1121_14 Datasheet
150Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
03/25/14
logo
TelCom Semiconductor, I...
TC660 TELCOM-TC660 Datasheet
122Kb / 8P
   100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com