Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14099BF Datasheet (PDF) - ON Semiconductor

MC14099BF Datasheet PDF - ON Semiconductor
Part # MC14099BF
Download  MC14099BF Download

File Size   184.82 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Bit Addressable Latches

MC14099BF Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14099BF Datasheet PDF - ON Semiconductor

Part # MC14099BF
Download  MC14099BF Click to download

File Size   184.82 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Bit Addressable Latches

MC14099BF Datasheet (HTML) - ON Semiconductor

MC14099BF Datasheet HTML 1Page - ON Semiconductor MC14099BF Datasheet HTML 2Page - ON Semiconductor MC14099BF Datasheet HTML 3Page - ON Semiconductor MC14099BF Datasheet HTML 4Page - ON Semiconductor MC14099BF Datasheet HTML 5Page - ON Semiconductor MC14099BF Datasheet HTML 6Page - ON Semiconductor MC14099BF Datasheet HTML 7Page - ON Semiconductor MC14099BF Datasheet HTML 8Page - ON Semiconductor

MC14099BF Product details

The MC14099B is an 8−bit addressable latch. Data is entered in serial form when the appropriate latch is addressed (via address pins A0, A1, A2) and write disable is in the low state. For the MC14099B the input is a unidirectional write only port.
The data is presented in parallel at the output of the eight latches independently of the state of Write Disable, Write/Read or Chip Enable.
A Master Reset capability is available on both parts.

Features
• Serial Data Input
• Parallel Output
• Master Reset
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low−power TTL Loads or One Low−Power
   Schottky TTL Load over the Rated Temperature Range
• MC14099B pin for pin compatible with CD4099B
• Pb−Free Packages are Available*




Similar Part No. - MC14099BF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14099BFEL ONSEMI-MC14099BFEL Datasheet
101Kb / 8P
   8?묪it Addressable Latches
August, 2005 ??Rev. 6
More results


Similar Description - MC14099BF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
   8-Bit Addressable Latches
logo
Texas Instruments
SNJ54HC259 TI-SNJ54HC259 Datasheet
519Kb / 16P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
logo
Fairchild Semiconductor
DM74LS259 FAIRCHILD-DM74LS259 Datasheet
59Kb / 6P
   8-Bit Addressable Latches
logo
Texas Instruments
SN54259 TI-SN54259 Datasheet
200Kb / 5P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259_07 Datasheet
686Kb / 19P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B_14 Datasheet
102Kb / 7P
   8-Bit Addressable Latches
August, 2014 ??Rev. 9
logo
Texas Instruments
SN54HC289 TI-SN54HC289 Datasheet
365Kb / 15P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN74ALS259DR TI-SN74ALS259DR Datasheet
642Kb / 17P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259 Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com