Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14512BDR2 Datasheet (PDF) - ON Semiconductor

MC14512BDR2 Datasheet PDF - ON Semiconductor
Part # MC14512BDR2
Download  MC14512BDR2 Download

File Size   178.56 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Channel Data Selector

MC14512BDR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14512BDR2 Datasheet PDF - ON Semiconductor

Part # MC14512BDR2
Download  MC14512BDR2 Click to download

File Size   178.56 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Channel Data Selector

MC14512BDR2 Datasheet (HTML) - ON Semiconductor

MC14512BDR2 Datasheet HTML 1Page - ON Semiconductor MC14512BDR2 Datasheet HTML 2Page - ON Semiconductor MC14512BDR2 Datasheet HTML 3Page - ON Semiconductor MC14512BDR2 Datasheet HTML 4Page - ON Semiconductor MC14512BDR2 Datasheet HTML 5Page - ON Semiconductor MC14512BDR2 Datasheet HTML 6Page - ON Semiconductor MC14512BDR2 Datasheet HTML 7Page - ON Semiconductor MC14512BDR2 Datasheet HTML 8Page - ON Semiconductor

MC14512BDR2 Product details

The MC14512B is an 8–channel data selector constructed with MOS P–channel and N–channel enhancement mode devices in a single monolithic structure. This data selector finds primary application in signal multiplexing functions. It may also be used for data routing, digital signal switching, signal gating, and number sequence generation.

• Diode Protection on All Inputs
• Single Supply Operation
• 3–State Output (Logic “1”, Logic “0”, High Impedance)
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–power TTL Loads or One Low–power
   Schottky TTL Load Over the Rated Temperature Range




Similar Part No. - MC14512BDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14512BDR2 ONSEMI-MC14512BDR2 Datasheet
93Kb / 7P
   8?묬hannel Data Selector
November, 2006 ??Rev. 7
MC14512BDR2G ONSEMI-MC14512BDR2G Datasheet
93Kb / 7P
   8?묬hannel Data Selector
November, 2006 ??Rev. 7
MC14512BDR2G ONSEMI-MC14512BDR2G Datasheet
110Kb / 6P
   8-Channel Data Selector
July, 2014 ??Rev. 10
More results


Similar Description - MC14512BDR2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP Datasheet
261Kb / 7P
   8-CHANNEL DATA SELECTOR
logo
Hitachi Semiconductor
HD14512B HITACHI-HD14512B Datasheet
81Kb / 7P
   8-channel Data Selector
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B_14 Datasheet
110Kb / 6P
   8-Channel Data Selector
July, 2014 ??Rev. 10
logo
List of Unclassifed Man...
MMC4512 ETC-MMC4512 Datasheet
116Kb / 4P
   8-CHANNEL DATA SELECTOR
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP_07 Datasheet
353Kb / 9P
   8-Channel Data Selector
logo
STMicroelectronics
HCF4512B STMICROELECTRONICS-HCF4512B_02 Datasheet
278Kb / 9P
   8 CHANNEL DATA SELECTOR
HCC4512B STMICROELECTRONICS-HCC4512B Datasheet
278Kb / 12P
   8-CHANNEL DATA SELECTOR
logo
Fairchild Semiconductor
CD4512BC FAIRCHILD-CD4512BC Datasheet
78Kb / 8P
   8-Channel Buffered Data Selector
logo
Texas Instruments
CD4512B TI1-CD4512B Datasheet
1Mb / 16P
[Old version datasheet]   CMOS 8-Channel Data Selector
CD4512B TI1-CD4512B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS 8-Channel Data Selector
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com